Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380FF107NF20 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 380FF107NF20
Description  EMI/RFI Non-Environmental Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380FF107NF20 Datasheet(HTML) 1 Page - Glenair, Inc.

  380FF107NF20 Datasheet HTML 1Page - Glenair, Inc. 380FF107NF20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H-14
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
H
380-107
EMI/RFI Non-Environmental Backshell
with Strain Relief
Type D - Self-Locking - Rotatable Coupling - Split Shell
N
Cable
Range
.416 (10.5)
Max
STYLE F
Light Duty
(Table IV)
STYLE G
Light Duty
(Table V)
.072 (1.8)
Max
P
Cable
Entry
M
(Table III)
L
(Table
III)
K
(Table III)
Max Wire
Bundle
(Table III,
Note 1)
Ultra Low-Profile
Split 90°
F
(Table III)
G (Table III)
A Thread
(Table I)
E Typ.
(Table I)
Split 45°
Anti-Rotation
Device (Typ.)
STYLE 2
(See Note 1)
.88 (22.4) Max
H
(Table III)
J (Table III)
Split 90°
Product
Series
Basic
Number
Shell Size
(See Table I)
380 - F
D - 107
M
16
05
F
Strain Relief
Style
F or G
Connector
Designator
Angle and Profile
C - Ultra Low Splirt 90°
D - Split 90°
F - Split 45°
Finish
(See Table II)
Cable Entry
(See Tables IV, V)
SELF-LOCKING
TYPE D INDIVIDUAL
OR OVERALL
SHIELD TERMINATION
CONNECTOR DESIGNATOR:
A-MIL-DTL-5015/-26482/-83723
F-MIL-DTL-38999SeriesI,II
H-MIL-DTL-38999SeriesIIIandIV
SELF-LOCKING
ROTATABLE
COUPLING
SPLIT SHELL
ULTRA-LOW PROFILE


Similar Part No. - 380FF107NF20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380FF103B08 GLENAIR-380FF103B08 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FF103B10 GLENAIR-380FF103B10 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FF103B12 GLENAIR-380FF103B12 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FF103B14 GLENAIR-380FF103B14 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FF103B16 GLENAIR-380FF103B16 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results

Similar Description - 380FF107NF20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AH104B08 GLENAIR-380AH104B08 Datasheet
92Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B08 GLENAIR-380AC105B08 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AM109B08 GLENAIR-380AM109B08 Datasheet
91Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA014B08 GLENAIR-380AA014B08 Datasheet
156Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC018B08 GLENAIR-380AC018B08 Datasheet
389Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC009B08 GLENAIR-380AC009B08 Datasheet
297Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC111B08 GLENAIR-380AC111B08 Datasheet
354Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com