Electronic Components Datasheet Search |
|
380SM106B22 Datasheet(PDF) 2 Page - Glenair, Inc. |
|
380SM106B22 Datasheet(HTML) 2 Page - Glenair, Inc. |
2 / 2 page www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 65 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II. 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. TABLE II: STANDARD FINISHES See Inside Back Cover for Additional Finish Options GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel 380-107 EMI/RFI Non-Environmental Backshell with Strain Relief Type D - Self-Locking - Rotatable Coupling - Full Radius TABLE III: ELBOW DIMENSIONS A-F-L-S 08 10 12 14 16 18 20 22 24 28 32 Shell Size Conn. Desig. H 09 11 13 15 17 19 21 23 25 F Max .963 (24.5) 1.017 (25.8) 1.067 (27.1) 1.121 (28.5) 1.170 (29.7) 1.220 (31.0) 1.274 (32.4) 1.328 (33.7) 1.377 (35.0) 1.481 (37.6) 1.584 (40.2) H Max 1.281 (32.5) 1.406 (35.7) 1.531 (38.9) 1.656 (42.1) 1.781 (45.2) 1.906 (48.4) 2.031 (51.6) 2.156 (54.8) 2.281 (57.9) 2.531 (64.3) 2.781 (70.6) J Max 1.175 (29.8) 1.300 (33.0) 1.425 (36.2) 1.550 (39.4) 1.675 (42.5) 1.800 (45.7) 1.925 (48.9) 2.050 (52.1) 2.175 (55.2) 2.425 (61.6) 2.675 (67.9) G Max .857 (21.8) .911 (23.1) .961 (24.4) 1.015 (25.8) 1.064 (27.0) 1.114 (28.3) 1.168 (29.7) 1.222 (31.0) 1.271 (32.3) 1.375 (34.9) 1.478 (37.5) Cable Range Dash No. 02 03 04 05 06 07 08 10 Min .125 (3.2) .250 (6.4) .312 (7.9) .437 (11.1) .562 (14.3) .687 (17.4) .812 (20.6) 1.062 (27.0) K Max .968 (24.6) 1.046 (26.6) 1.156 (29.4) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.843 (46.8) Max .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.250 (31.8) TABLE IV: CABLE ENTRY Dash No. 01 02 03 04 05 06 07 08 09 10 L Max .656 (16.7) .781 (19.8) .906 (23.0) 1.031 (26.2) 1.156 (29.4) 1.281 (32.5) 1.406 (35.7) 1.531 (38.9) 1.656 (42.1) 1.781 (45.2) Cable Entry Max .125 (3.2) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) TABLE V: CABLE ENTRY |
Similar Part No. - 380SM106B22 |
|
Similar Description - 380SM106B22 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |