Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2405T6Q Datasheet(PDF) 1 Page - NEC

Part # UPG2405T6Q
Description  1 W SP3T SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2405T6Q Datasheet(HTML) 1 Page - NEC

  UPG2405T6Q Datasheet HTML 1Page - NEC UPG2405T6Q Datasheet HTML 2Page - NEC UPG2405T6Q Datasheet HTML 3Page - NEC UPG2405T6Q Datasheet HTML 4Page - NEC UPG2405T6Q Datasheet HTML 5Page - NEC UPG2405T6Q Datasheet HTML 6Page - NEC UPG2405T6Q Datasheet HTML 7Page - NEC UPG2405T6Q Datasheet HTML 8Page - NEC UPG2405T6Q Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2009
DESCRIPTION
The
μPG2405T6Q is an SP3T GaAs FET switch which was developed for BluetoothTM, wireless LAN and NFC.
This device can operate frequency from 500 MHz to 2.5 GHz, having the low insertion loss and high linearity.
This device is housed in a 10-pin plastic TSSON (Thin Shrink Small Out-line Non-leaded) package. And this
package is able to high-density surface mounting.
FEATURES
• Low insertion loss
: Lins = 0.45 dB TYP. @ f = 1.0 GHz, Vcont (H) = 2.8 V, Vcont (L) = 0 V
: Lins = 0.55 dB TYP. @ f = 2.0 GHz, Vcont (H) = 2.8 V, Vcont (L) = 0 V
: Lins = 0.60 dB TYP. @ f = 2.5 GHz, Vcont (H) = 2.8 V, Vcont (L) = 0 V
• High isolation
: ISL = 28 dB TYP. @ f = 1.0 GHz, Vcont (H) = 2.8 V, Vcont (L) = 0 V
: ISL = 22 dB TYP. @ f = 2.0 GHz, Vcont (H) = 2.8 V, Vcont (L) = 0 V
: ISL = 20 dB TYP. @ f = 2.5 GHz, Vcont (H) = 2.8 V, Vcont (L) = 0 V
• Handling power
: Pin (0.1 dB) = +31.0 dBm TYP. @ f = 2.5 GHz, Vcont (H) = 2.8 V, Vcont (L) = 0 V
• High-density surface mounting : 10-pin plastic TSSON package (2.0
× 1.35 × 0.37 mm)
APPLICATIONS
• Bluetooth and IEEE802.11b/g etc.
• NFC (FeliCa
TM etc.)
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
μPG2405T6Q-E2 μPG2405T6Q-E2-A 10-pin plastic TSSON
(Pb-Free)
G5M
• Embossed tape 8 mm wide
• Pin 5, 6 face the perforation side of the tape
• Qty 3 kpcs/reel
Remark To order evaluation samples, please contact your nearby sales office.
Part number for sample order:
μPG2405T6Q
DATA SHEET
Caution Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can
damage this device. This device must be protected at all times from ESD. Static charges may
easily produce potentials of several kilovolts on the human body or equipment, which can
discharge without detection. Industry-standard ESD precautions must be employed at all times.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
1 W SP3T SWITCH
GaAs INTEGRATED CIRCUIT
μPG2405T6Q
Document No. PG10753EJ01V0DS (1st edition)
Date Published April 2009 NS
Printed in Japan


Similar Part No. - UPG2405T6Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2405T6Q RENESAS-UPG2405T6Q Datasheet
305Kb / 11P
   GaAs INTEGRATED CIRCUIT
2009
UPG2405T6Q-E2 RENESAS-UPG2405T6Q-E2 Datasheet
305Kb / 11P
   GaAs INTEGRATED CIRCUIT
2009
UPG2405T6Q-E2-A RENESAS-UPG2405T6Q-E2-A Datasheet
305Kb / 11P
   GaAs INTEGRATED CIRCUIT
2009
More results

Similar Description - UPG2405T6Q

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-011041 MA-COM-MASW-011041 Datasheet
710Kb / 5P
   Switch, SP3T 200 W
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
logo
RF Micro Devices
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
   SP3T Switch
logo
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
   SP3T Switch
logo
RF Micro Devices
RF5570 RFMD-RF5570 Datasheet
939Kb / 9P
   SP3T Switch
logo
Spectrum Microwave, Inc...
310-021008-001 SPECTRUM-310-021008-001 Datasheet
92Kb / 1P
   SP3T SWITCH
logo
RF Micro Devices
RFSW8001 RFMD-RFSW8001 Datasheet
139Kb / 6P
   Symmetric SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
   GaAs SP3T Switch
logo
TriQuint Semiconductor
TGS2303 TRIQUINT-TGS2303_15 Datasheet
573Kb / 3P
   SP3T PIN Switch
logo
RF Micro Devices
RFSW8006Q RFMD-RFSW8006Q Datasheet
167Kb / 6P
   Symmetric SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com