Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2406T6R Datasheet(PDF) 5 Page - NEC

Part # UPG2406T6R
Description  0.01 to 3.0 GHz SPDT SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2406T6R Datasheet(HTML) 5 Page - NEC

  UPG2406T6R Datasheet HTML 1Page - NEC UPG2406T6R Datasheet HTML 2Page - NEC UPG2406T6R Datasheet HTML 3Page - NEC UPG2406T6R Datasheet HTML 4Page - NEC UPG2406T6R Datasheet HTML 5Page - NEC UPG2406T6R Datasheet HTML 6Page - NEC UPG2406T6R Datasheet HTML 7Page - NEC UPG2406T6R Datasheet HTML 8Page - NEC UPG2406T6R Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
EVALUATION CIRCUIT
Vcont1
Vcont2
RF1
RF2
RFC
C1
Note
C1
C1
C2
C2
4
5
6
3
2
1
Note C1 : 0.01 to 0.05 GHz 10 000 pF
: 0.05 to 0.5 GHz
1 000 pF
: 0.5 to 3.0 GHz
56 pF
C2 : 1 000 pF
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
APPLICATION INFORMATION
LESD
C1
C1
C1
Switch
• LESD provides a means to increase the ESD protection on a specific RF port, typically the port attached to the
antenna.
• The value may be tailored to provide specific electrical responses.
• The RF ground connections should be kept as short as possible and connected to directly to a good RF ground
for best performance.
Data Sheet PG10759EJ01V0DS
5
μPG2406T6R


Similar Part No. - UPG2406T6R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2406T6R RENESAS-UPG2406T6R Datasheet
339Kb / 15P
   GaAs INTEGRATED CIRCUIT
2009
UPG2406T6R-E2 RENESAS-UPG2406T6R-E2 Datasheet
339Kb / 15P
   GaAs INTEGRATED CIRCUIT
2009
UPG2406T6R-E2-A RENESAS-UPG2406T6R-E2-A Datasheet
339Kb / 15P
   GaAs INTEGRATED CIRCUIT
2009
More results

Similar Description - UPG2406T6R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PG2406TB RENESAS-PG2406TB_15 Datasheet
246Kb / 15P
   0.01 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2406TK CEL-UPG2406TK_09 Datasheet
554Kb / 12P
   0.01 to 3.0 GHz SPDT SWITCH
UPG2406TK CEL-UPG2406TK Datasheet
554Kb / 12P
   0.01 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2406TB NEC-UPG2406TB Datasheet
123Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2406TK RENESAS-PG2406TK_15 Datasheet
246Kb / 15P
   0.01 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2406TK NEC-UPG2406TK Datasheet
123Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
logo
Tyco Electronics
SW-137-PIN MACOM-SW-137-PIN Datasheet
123Kb / 3P
   GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-137-PIN MA-COM-SW-137-PIN Datasheet
59Kb / 3P
   GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com