Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2408TK-E2 Datasheet(PDF) 10 Page - NEC

Part # UPG2408TK-E2
Description  0.05 to 3.0 GHz SPDT SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2408TK-E2 Datasheet(HTML) 10 Page - NEC

Back Button UPG2408TK-E2 Datasheet HTML 4Page - NEC UPG2408TK-E2 Datasheet HTML 5Page - NEC UPG2408TK-E2 Datasheet HTML 6Page - NEC UPG2408TK-E2 Datasheet HTML 7Page - NEC UPG2408TK-E2 Datasheet HTML 8Page - NEC UPG2408TK-E2 Datasheet HTML 9Page - NEC UPG2408TK-E2 Datasheet HTML 10Page - NEC UPG2408TK-E2 Datasheet HTML 11Page - NEC UPG2408TK-E2 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Condition Symbol
Infrared Reflow
Peak temperature (package surface temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Time at temperature of 220
°C or higher
: 60 seconds or less
Preheating time at 120 to 180
°C
: 120
±30 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
IR260
Wave Soldering
Peak temperature (molten solder temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Preheating temperature (package surface temperature) : 120
°C or below
Maximum number of flow processes
: 1 time
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
WS260
Partial Heating
Peak temperature (terminal temperature)
: 350
°C or below
Soldering time (per side of device)
: 3 seconds or less
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
HS350
Caution Do not use different soldering methods together (except for partial heating).
Data Sheet PG10771EJ01V0DS
10
μPG2408TK


Similar Part No. - UPG2408TK-E2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2408TK-E2 CEL-UPG2408TK-E2 Datasheet
503Kb / 11P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
UPG2408TK-E2 RENESAS-UPG2408TK-E2 Datasheet
241Kb / 14P
   GaAs INTEGRATED CIRCUIT
2009
logo
California Eastern Labs
UPG2408TK-E2-A CEL-UPG2408TK-E2-A Datasheet
503Kb / 11P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
UPG2408TK-E2-A RENESAS-UPG2408TK-E2-A Datasheet
241Kb / 14P
   GaAs INTEGRATED CIRCUIT
2009
More results

Similar Description - UPG2408TK-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2408TB CEL-UPG2408TB Datasheet
720Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
UPG2408TK CEL-UPG2408TK Datasheet
503Kb / 11P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TK RENESAS-PG2408TK Datasheet
241Kb / 14P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2408TK CEL-UPG2408TK_09 Datasheet
503Kb / 11P
   0.05 to 3.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0005 MA-COM-MASWSS0005 Datasheet
74Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com