Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2409TB Datasheet(PDF) 3 Page - NEC

Part # UPG2409TB
Description  HIGH POWER SPDT SWITCH FOR WiMAXTM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2409TB Datasheet(HTML) 3 Page - NEC

  UPG2409TB Datasheet HTML 1Page - NEC UPG2409TB Datasheet HTML 2Page - NEC UPG2409TB Datasheet HTML 3Page - NEC UPG2409TB Datasheet HTML 4Page - NEC UPG2409TB Datasheet HTML 5Page - NEC UPG2409TB Datasheet HTML 6Page - NEC UPG2409TB Datasheet HTML 7Page - NEC UPG2409TB Datasheet HTML 8Page - NEC UPG2409TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS
(TA = +25
°C, Vcont (H) = 3.0 V, Vcont (L) = 0 V, ZO = 50 Ω, DC blocking capacitors = 8 pF, unless otherwise
specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Insertion Loss 1
Lins1
f = 0.5 to 1.0 GHz
Note 1
0.35
0.60
dB
Insertion Loss 2
Lins2
f = 1.0 to 2.0 GHz
Note 1
0.40
0.65
dB
Insertion Loss 3
Lins3
f = 2.0 to 2.5 GHz
0.45
0.70
dB
Insertion Loss 4
Lins4
f = 2.5 to 3.0 GHz
0.50
0.75
dB
Insertion Loss 5
Lins5
f = 3.0 to 3.8 GHz
0.60
0.85
dB
Isolation 1
ISL1
f = 0.5 to 1.0 GHz
Note 1
29
32
dB
Isolation 2
ISL2
f = 1.0 to 2.0 GHz
Note 1
25
28
dB
Isolation 3
ISL3
f = 2.0 to 2.5 GHz
23
26
dB
Isolation 4
ISL4
f = 2.5 to 3.0 GHz
20
23
dB
Isolation 5
ISL5
f = 3.0 to 3.8 GHz
16
19
dB
Return Loss
RL
f = 0.5 to 3.8 GHz
Note 1
15
20
dB
0.1 dB Loss Compression
Input Power
Note 2
Pin (0.1 dB)
f = 2.5 GHz
+33.5
dBm
1 dB Loss Compression
Input Power 1
Note 3
Pin (1 dB) 1
f = 0.5 to 3.8 GHz
Note 1
Vcont = 3 V
+35
dBm
1 dB Loss Compression
Input Power 2
Note 3
Pin (1 dB) 2
f = 0.5 to 3.8 GHz
Note 1
Vcont = 5 V
+37
dBm
2nd Harmonics
2f0
f = 2.5 GHz, Pin = +26 dBm
75
dBc
3rd Harmonics
3f0
f = 2.5 GHz, Pin = +26 dBm
80
dBc
Input 3rd Order Intercept Point
IIP3
f = 2.5 GHz
+60
dBm
Switch Control Current
Icont
No RF input
0.1
10
μA
Switch Control Speed
tSW
50% CTL to 90/10% RF
100
250
ns
Notes 1. DC blocking capacitors = 56 pF at f = 0.5 to 2.0 GHz
2. Pin (0.1 dB) is the measured input power level when the insertion loss increases 0.1 dB more than that of the
linear range.
3. Pin (1 dB) is the measured input power level when the insertion loss increases 1 dB more than that of the
linear range.
Caution It is necessary to use DC blocking capacitors with this device.
Data Sheet PG10772EJ01V0DS
3
μPG2409TB


Similar Part No. - UPG2409TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2409TB CEL-UPG2409TB Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
logo
Renesas Technology Corp
UPG2409TB RENESAS-UPG2409TB Datasheet
226Kb / 13P
   GaAs INTEGRATED CIRCUIT
2009
logo
California Eastern Labs
UPG2409TB-E4 CEL-UPG2409TB-E4 Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
logo
Renesas Technology Corp
UPG2409TB-E4 RENESAS-UPG2409TB-E4 Datasheet
226Kb / 13P
   GaAs INTEGRATED CIRCUIT
2009
logo
California Eastern Labs
UPG2409TB-E4-A CEL-UPG2409TB-E4-A Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
More results

Similar Description - UPG2409TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PG2409TB RENESAS-PG2409TB Datasheet
227Kb / 13P
   HIGH POWER SPDT SWITCH FOR WiMAXTM
logo
NEC
UPG2409T6X NEC-UPG2409T6X Datasheet
105Kb / 11P
   HIGH POWER SPDT SWITCH FOR WiMAXTM
logo
Renesas Technology Corp
PG2409T6X RENESAS-PG2409T6X Datasheet
228Kb / 13P
   HIGH POWER SPDT SWITCH FOR WiMAXTM
logo
California Eastern Labs
UPG2409T6X CEL-UPG2409T6X Datasheet
418Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409TB CEL-UPG2409TB Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409T6X CEL-UPG2409T6X_09 Datasheet
418Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409TB CEL-UPG2409TB_09 Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
logo
Sony Corporation
CXG1189UR SONY-CXG1189UR Datasheet
67Kb / 4P
   High Power SPDT Switch
CXG1189AXR SONY-CXG1189AXR Datasheet
173Kb / 5P
   High Power SPDT Switch
logo
California Eastern Labs
UPG2176T5N CEL-UPG2176T5N_09 Datasheet
220Kb / 8P
   50TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com