Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11331BUCB Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK11331BUCB
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11331BUCB Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK11331BUCB Datasheet HTML 5Page - TOKO, Inc TK11331BUCB Datasheet HTML 6Page - TOKO, Inc TK11331BUCB Datasheet HTML 7Page - TOKO, Inc TK11331BUCB Datasheet HTML 8Page - TOKO, Inc TK11331BUCB Datasheet HTML 9Page - TOKO, Inc TK11331BUCB Datasheet HTML 10Page - TOKO, Inc TK11331BUCB Datasheet HTML 11Page - TOKO, Inc TK11331BUCB Datasheet HTML 12Page - TOKO, Inc TK11331BUCB Datasheet HTML 13Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Page 10
May, 1997 TOKO, Inc.
TK113xx B
1000
100
10
1
0.1
0.01
Q 1
50
100
150
IOUT (mA)
STABLE
OPERATION
AREA
1000
100
10
1
0.1
0 .01
Q 1
50
100
150
IOUT (mA)
STABLE
OPERATION
AREA
1000
100
10
1
0.1
0.01
Q 1
50
100
150
IOUT (mA)
STABLE
OPERATION
AREA
1000
100
10
1
0.1
0.01
Q 1
50
100
150
IOUT (mA)
STABLE
OPERATION
AREA
DEFINITION AND EXPLANATION OF TECHNICAL TERMS (CONT.)
In general, the capacitor should be at least 1
µF (Aluminum electrolytic) and be rated for the actual ambient operating
temperature range. The table below shows typical characteristics for several types and values of capacitance. Please note
that the ESR varies widely depending upon manufacturer, type, size, and material.
CL = 1 µFCL = 2.2 µF
C
L = 3.3 µF
C
L = 10 µF
1.0
µF
2.4
2.3
0.14
2.2
2.0
1.9
0.059
3.3
4.6
1 .0
0.049
10.0
1.4
0.5
0.025
ESR
ESR
ESR
Aluminum
Capacitor
Tantalum
Capacitor
Ceramic
Capacitor
Capacitance
ES
Note: ESR is measured at 10 KHz.
INPUT-OUTPUT CAPACITORS
Linear regulators require an output capacitor in order to maintain regulator loop stability. This capacitor should be selected
to insure stable operation over the desired temperature and load range. The graphs below show the effects of capacitance
value and equivalent series resistance (ESR) on the stable operation area.
2.0 V
3.0 V
5.0 V
113xxB
CL


Similar Part No. - TK11331BUCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11331BUCB TOKO-TK11331BUCB Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11331BUCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com