Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7241-1C Datasheet(PDF) 3 Page - NEC

Part # PS7241-1C
Description  8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7241-1C Datasheet(HTML) 3 Page - NEC

  PS7241-1C_1 Datasheet HTML 1Page - NEC PS7241-1C_1 Datasheet HTML 2Page - NEC PS7241-1C_1 Datasheet HTML 3Page - NEC PS7241-1C_1 Datasheet HTML 4Page - NEC PS7241-1C_1 Datasheet HTML 5Page - NEC PS7241-1C_1 Datasheet HTML 6Page - NEC PS7241-1C_1 Datasheet HTML 7Page - NEC PS7241-1C_1 Datasheet HTML 8Page - NEC PS7241-1C_1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet PN10303EJ02V0DS
3
PS7241-1C
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS7241-1C
PS7241-1C-A
Pb-Free
Magazine case 45 pcs
Standard products
PS7241-1C
PS7241-1C-F3
PS7241-1C-F3-A
Embossed Tape 1 500 pcs/reel
(UL, BSI, CSA
PS7241-1C-F4
PS7241-1C-F4-A
approved)
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA/ch
Reverse Voltage
VR
5
V
Power Dissipation
PD
50
mW/ch
Peak Forward Current
*1
IFP
1
A/ch
MOS FET
Break Down Voltage
VL
400
V
Continuous Load Current
IL
120
mA/ch
Pulse Load Current
*2
(AC/DC Connection)
ILP
200
mA/ch
Power Dissipation
PD
180
mW/ch
Isolation Voltage
*3
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
460
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 PW = 100 ms, 1 shot
*3 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output
Pins 1-4 shorted together, 5-8 shorted together.
RECOMMENDED OPERATING CONDITIONS (TA = 25°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
2
10
20
mA/ch
LED Off Voltage
VF
0
0.5
V
<R>


Similar Part No. - PS7241-1C_1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-1C-A CEL-PS7241-1C-A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
logo
NEC
PS7241-1C-F3 NEC-PS7241-1C-F3 Datasheet
65Kb / 7P
   8 PIN SOP 400 V BREAKDOWN VOLTAGE TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7241-1C-F3 CEL-PS7241-1C-F3 Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7241-1C-F3-A CEL-PS7241-1C-F3-A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
logo
NEC
PS7241-1C-F4 NEC-PS7241-1C-F4 Datasheet
65Kb / 7P
   8 PIN SOP 400 V BREAKDOWN VOLTAGE TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
More results

Similar Description - PS7241-1C_1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7241-1C RENESAS-PS7241-1C Datasheet
258Kb / 15P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7141-1C CEL-PS7141-1C Datasheet
368Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7142-1C NEC-PS7142-1C Datasheet
75Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1C RENESAS-PS7141-1C Datasheet
264Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7142-1C RENESAS-PS7142-1C Datasheet
263Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-2B NEC-PS7241-2B Datasheet
97Kb / 12P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2B CEL-PS7241-2B Datasheet
330Kb / 10P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7221-2A NEC-PS7221-2A Datasheet
69Kb / 12P
   8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7221A-2A NEC-PS7221A-2A Datasheet
70Kb / 7P
   8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com