Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11333BUCB Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK11333BUCB
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11333BUCB Datasheet(HTML) 6 Page - TOKO, Inc

Back Button TK11333BUCB Datasheet HTML 2Page - TOKO, Inc TK11333BUCB Datasheet HTML 3Page - TOKO, Inc TK11333BUCB Datasheet HTML 4Page - TOKO, Inc TK11333BUCB Datasheet HTML 5Page - TOKO, Inc TK11333BUCB Datasheet HTML 6Page - TOKO, Inc TK11333BUCB Datasheet HTML 7Page - TOKO, Inc TK11333BUCB Datasheet HTML 8Page - TOKO, Inc TK11333BUCB Datasheet HTML 9Page - TOKO, Inc TK11333BUCB Datasheet HTML 10Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Page 6
May, 1997 TOKO, Inc.
TK113xx B
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C unless otherwise specified
OUTPUT VOLTAGE VARIATION
-50
100
050
2 V
TA (°C)
-20
-10
0
10
4 V
-30
5 V
3 V
LINE VOLTAGE STEP RESPONSE
VIN
50 µs/Div
Cn = 0.01, CL = 2.2 µF
VOUT
VO +1
VO +2
10 mV/Div
Cn = 0.001, CL = .22 µF
LOAD CURRENT STEP
RESPONSE
IOUT
Cn = 0.1, CL = 10 µF
VOUT
50 mA
100 mA
50 mV/Div
Cn = 0.01, CL = 2.2 µF
50 µs/Div
NOISE SPECTRUM
01 M
-100
0
-50
500 k
Frequency (Hz)
CL = 3.3 µF, Cn = 0.1 µF
Spectrum Analyzer Background Noise
CL = 3.3 µF, Cn = None
NOISE LEVEL vs. CN
1 pF
10
Cn
50
200
100
150
250
1000
0
100
.01 µF
.1
CL = 10 µF
CL = 3.3 µF
CL = 2.2 µF
VO = 3 V
IO = 60 mA
MAXIMUM OUTPUT CURRENT
-50
100
050
VOUT = 2.7 V
280
TA (°C)
240
250
260
270
VOUT = 2 to 2.6 V
VOUT = 1.3 V
VOUT = 1.9 V


Similar Part No. - TK11333BUCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11333BUCB TOKO-TK11333BUCB Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11333BUCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com