Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8101-V-A Datasheet(PDF) 2 Page - NEC

Part # PS8101-V-A
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8101-V-A Datasheet(HTML) 2 Page - NEC

  PS8101-V-A Datasheet HTML 1Page - NEC PS8101-V-A Datasheet HTML 2Page - NEC PS8101-V-A Datasheet HTML 3Page - NEC PS8101-V-A Datasheet HTML 4Page - NEC PS8101-V-A Datasheet HTML 5Page - NEC PS8101-V-A Datasheet HTML 6Page - NEC PS8101-V-A Datasheet HTML 7Page - NEC PS8101-V-A Datasheet HTML 8Page - NEC PS8101-V-A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet PN10260EJ06V0DS
2
PS8101
PACKAGE DIMENSIONS (UNIT: mm)
1.27
0.4
+0.10
–0.05
0.25 M
4.4
7.0±0.3
0.5±0.3
3.4
+0.3
–0.1
53
12
4
MARKING EXAMPLE
No. 1 pin Mark
Initial of NEC
(Engraved mark)
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N
9
31
8101
N931
N
*1
*1
Bar : Pb-Free
Type Number
Assembly Lot
No. 1 pin Mark
Initial of NEC
(Engraved mark)
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N
9
31
8101
N931
N
*1
*1
Bar : Pb-Free
Type Number
Assembly Lot
SnBi PLATING
Ni/Pd/Au PLATING
PHOTOCOUPLER CONSTRUCTION
Parameter
PS8101
Air Distance (MIN.)
4.2 mm
Outer Creepage Distance (MIN.)
4.2 mm
Isolation Distance (MIN.)
0.2 mm
<R>
<R>
<R>


Similar Part No. - PS8101-V-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8101-V-A CEL-PS8101-V-A Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8101-V-A CEL-PS8101-V-A Datasheet
429Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8101-V-AX CEL-PS8101-V-AX Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8101-V-AX CEL-PS8101-V-AX Datasheet
429Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS8101-V-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101_16 Datasheet
429Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9123 CEL-PS9123 Datasheet
529Kb / 14P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com