Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2705A-1-V-F4 Datasheet(PDF) 7 Page - NEC

Part # PS2705A-1-V-F4
Description  HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2705A-1-V-F4 Datasheet(HTML) 7 Page - NEC

Back Button PS2705A-1-V-F4 Datasheet HTML 3Page - NEC PS2705A-1-V-F4 Datasheet HTML 4Page - NEC PS2705A-1-V-F4 Datasheet HTML 5Page - NEC PS2705A-1-V-F4 Datasheet HTML 6Page - NEC PS2705A-1-V-F4 Datasheet HTML 7Page - NEC PS2705A-1-V-F4 Datasheet HTML 8Page - NEC PS2705A-1-V-F4 Datasheet HTML 9Page - NEC PS2705A-1-V-F4 Datasheet HTML 10Page - NEC PS2705A-1-V-F4 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
0
0.2
0.4
0.6
0.8
1.0
1.2
75
25
0
25
50
75
100
CTR : 300%
CTR : 90%
0
50
100
150
200
250
300
0.01
0.1
1
10
100
VCE = 5 V,
n = 3
0.1
1
10
100
10
100
1 000
10 000
tf
tr
ts
IC = 2 mA, VCC = 5 V,
CTR = 236%
TA = 25
°C
TA = 60
°C
IF = 5 mA (TYP.)
1.2
1.0
0.8
0.6
0.4
0.2
0
102
103
104
105
1
10
100
1 000
1
10
100
tr
td
ts
tf
IF = 5 mA, VCC = 5 V,
CTR = 236%
RL = 1 k
Ω
300
Ω
100
Ω
IF = 5 mA,
VCE = 5 V
5
0
–5
–10
–15
–20
–25
0.1
1
10
100
1 000
10
–50
td
Ambient Temperature TA (
°C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25
°C,
IF = 5 mA, VCE = 5 V
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
Sample A
B
C
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
Frequency f (kHz)
FREQUENCY RESPONSE
Time (Hr)
LONG TERM CTR DEGRADATION
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10397EJ04V0DS
7
PS2705A-1


Similar Part No. - PS2705A-1-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2705A-1-V-F4 CEL-PS2705A-1-V-F4 Datasheet
835Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2705A-1-V-F4-A CEL-PS2705A-1-V-F4-A Datasheet
835Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results

Similar Description - PS2705A-1-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2701A-1 NEC-PS2701A-1 Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2705A-1 CEL-PS2705A-1 Datasheet
835Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com