Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7801J-1A Datasheet(PDF) 6 Page - NEC

Part # PS7801J-1A
Description  4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF 廓) 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7801J-1A Datasheet(HTML) 6 Page - NEC

Back Button PS7801J-1A Datasheet HTML 2Page - NEC PS7801J-1A Datasheet HTML 3Page - NEC PS7801J-1A Datasheet HTML 4Page - NEC PS7801J-1A Datasheet HTML 5Page - NEC PS7801J-1A Datasheet HTML 6Page - NEC PS7801J-1A Datasheet HTML 7Page - NEC PS7801J-1A Datasheet HTML 8Page - NEC PS7801J-1A Datasheet HTML 9Page - NEC PS7801J-1A Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
–25
0
25
50
75
100
2.0
1.6
1.2
0.8
0.4
0
Normalized to 1.0
at TA = 25˚C,
IF = 5 mA,
IL = 160 mA
Ambient Temperature TA (˚C)
NORMALIZED ON-STATE RESISTANCE vs.
AMBIENT TEMPERATURE
2.2
2.4
2.5
2.6
2.1
2.3
60
40
30
20
0
10
50
n = 50 pcs,
IF = 5 mA,
IL = 160 mA
ON-STATE RESISTANCE DISTRIBUTION
On-state Resistance Ron (
Ω)
TURN-ON TIME vs. FORWARD CURRENT
Forward Current IF (mA)
TURN-OFF TIME vs. FORWARD CURRENT
Forward Current IF (mA)
0.02
0.04
0.06
0.07
0.03
0.05
60
40
30
20
0
10
50
Turn-on Time ton (ms)
TURN-ON TIME DISTRIBUTION
n = 50 pcs,
IF = 5 mA,
VO = 5 V,
RL = 500
Ω,
PW = 10 ms
Turn-off Time toff (ms)
TURN-OFF TIME DISTRIBUTION
5
15
20
25
10
0.60
0.50
0.40
0.30
0.20
0.10
0
VO = 5 V,
RL = 500
Ω,
PW = 10 ms
5
15
20
25
10
0.5
0.4
0.3
0.2
0.1
0
VO = 5 V,
RL = 500
Ω,
PW = 10 ms
0.03
0.05
60
40
30
20
0
10
50
0.02
0.04
0.06
0.07
n = 50 pcs,
IF = 5 mA,
VO = 5 V,
RL = 500
Ω,
PW = 10 ms
Remark The graphs indicate nominal characteristics.
Data Sheet PN10687EJ01V0DS
6
PS7801J-1A


Similar Part No. - PS7801J-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7801J-1A CEL-PS7801J-1A Datasheet
219Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C횞R 3pF • 廓 , 1-ch Optical Coupled MOS FET
PS7801J-1A CEL-PS7801J-1A Datasheet
279Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF ??廓) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801J-1A RENESAS-PS7801J-1A Datasheet
202Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R (3 pF • Ω) 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7801J-1A-A CEL-PS7801J-1A-A Datasheet
279Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF ??廓) 1-ch Optical Coupled MOS FET
PS7801J-1A-F3 CEL-PS7801J-1A-F3 Datasheet
219Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C횞R 3pF • 廓 , 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7801J-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801M-1A NEC-PS7801M-1A Datasheet
116Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF • 廓) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801J-1A_V1 CEL-PS7801J-1A_V1 Datasheet
279Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF ??廓) 1-ch Optical Coupled MOS FET
PS7801M-1A CEL-PS7801M-1A Datasheet
200Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF ??廓) 1-ch Optical Coupled MOS FET
PS7802B-1A CEL-PS7802B-1A Datasheet
214Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (6.3 pF ??廓) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7902-1A RENESAS-PS7902-1A_15 Datasheet
210Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW C 횞 R (11.6 pF ??廓) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801E-1A NEC-PS7801E-1A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801E-1A CEL-PS7801E-1A Datasheet
200Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
PS7801J-1A CEL-PS7801J-1A Datasheet
219Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C횞R 3pF • 廓 , 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801J-1A RENESAS-PS7801J-1A Datasheet
202Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R (3 pF • Ω) 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7801E-1A RENESAS-PS7801E-1A Datasheet
268Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R, 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com