Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9587L2-V-AX Datasheet(PDF) 5 Page - NEC

Part # PS9587L2-V-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9587L2-V-AX Datasheet(HTML) 5 Page - NEC

  PS9587L2-V-AX Datasheet HTML 1Page - NEC PS9587L2-V-AX Datasheet HTML 2Page - NEC PS9587L2-V-AX Datasheet HTML 3Page - NEC PS9587L2-V-AX Datasheet HTML 4Page - NEC PS9587L2-V-AX Datasheet HTML 5Page - NEC PS9587L2-V-AX Datasheet HTML 6Page - NEC PS9587L2-V-AX Datasheet HTML 7Page - NEC PS9587L2-V-AX Datasheet HTML 8Page - NEC PS9587L2-V-AX Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet PN10678EJ03V0DS
5
PS9587,PS9587L1,PS9587L2,PS9587L3
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number*
1
PS9587
PS9587-AX
Pb-Free
Magazine case 50 pcs
Standard products
PS9587
PS9587L1
PS9587L1-AX
(Ni/Pd/Au)
(UL, CSA, BSI,
PS9587L1
PS9587L2
PS9587L2-AX
SEMKO, NEMKO,
PS9587L2
PS9587L3
PS9587L3-AX
DEMKO, FIMKO
PS9587L3
PS9587L2-E3
PS9587L2-E3-AX
Embossed Tape 1 000 pcs/reel
approved)
PS9587L2
PS9587L3-E3
PS9587L3-E3-AX
PS9587L3
PS9587-V
PS9587-V-AX
Magazine case 50 pcs
DIN EN60747-5-2
PS9587
PS9587L1-V
PS9587L1-V-AX
(VDE0884 Part2)
PS9587L1
PS9587L2-V
PS9587L2-V-AX
Approved (Option)
PS9587L2
PS9587L3-V
PS9587L3-V-AX
PS9587L3
PS9587L2-V-E3
PS9587L2-V-E3-AX
Embossed Tape 1 000 pcs/reel
PS9587L2
PS9587L3-V-E3
PS9587L3-V-E3-AX
PS9587L3
*1 For the application of the Safety Standard, following part number should be used.


Similar Part No. - PS9587L2-V-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9587L2-V-AX CEL-PS9587L2-V-AX Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
More results

Similar Description - PS9587L2-V-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9587 CEL-PS9587 Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PS9687L1 CEL-PS9687L1 Datasheet
409Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9817A-1 RENESAS-PS9817A-1_15 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9214 RENESAS-PS9214 Datasheet
308Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
April 1st, 2010
logo
California Eastern Labs
PS9214 CEL-PS9214 Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9214_V1 CEL-PS9214_V1 Datasheet
872Kb / 15P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com