Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9587L3-V-E3-AX Datasheet(PDF) 7 Page - NEC

Part # PS9587L3-V-E3-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9587L3-V-E3-AX Datasheet(HTML) 7 Page - NEC

Back Button PS9587L3-V-E3-AX Datasheet HTML 3Page - NEC PS9587L3-V-E3-AX Datasheet HTML 4Page - NEC PS9587L3-V-E3-AX Datasheet HTML 5Page - NEC PS9587L3-V-E3-AX Datasheet HTML 6Page - NEC PS9587L3-V-E3-AX Datasheet HTML 7Page - NEC PS9587L3-V-E3-AX Datasheet HTML 8Page - NEC PS9587L3-V-E3-AX Datasheet HTML 9Page - NEC PS9587L3-V-E3-AX Datasheet HTML 10Page - NEC PS9587L3-V-E3-AX Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet PN10678EJ03V0DS
7
PS9587,PS9587L1,PS9587L2,PS9587L3
ELECTRICAL CHARACTERISTICS (TA =
−40 to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.4
1.65
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
VF = 0 V, f = 1 MHz, TA = 25
°C
30
150
pF
Detector
High Level Output Current
IOH
VCC = VO = 5.5 V, VF = 0.8 V
1
100
μA
Low Level Output Voltage
*2
VOL
VCC = 5.5 V, IF = 5 mA, IOL = 13 mA
0.2
0.6
V
High Level Supply Current
ICCH
VCC = 5.5 V, IF = 0 mA, VO = Open
5
8
mA
Low Level Supply Current
ICCL
VCC = 5.5 V, IF = 10 mA, VO = Open
9
11
mA
Coupled
Threshold Input Current (H
→ L)
IFHL
TA = 25
°C
3.3
mA
VCC = 5 V, VO = 0.8 V, RL = 350
Ω
1.5
5
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%, TA = 25
°C
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C
0.9
5
pF
Propagation Delay Time
tPHL
VCC = 5 V,
TA = 25
°C
35
75
ns
(H
→ L)*3
VTHHL = VTHLH = 1.5 V,
100
Propagation Delay Time
tPLH
RL = 350
Ω,
TA = 25
°C
45
75
ns
(L
→ H)*3
100
Rise Time
tr
IF = 7.5 mA, CL = 15 pF
20
ns
Fall Time
tf
10
ns
Pulse Width Distortion
(PWD)
*3
⏐tPHL-tPLH
10
50
ns
Propagation Delay Skew
tPSK
60
ns
Common Mode
Transient Immunity at High Level
Output
*4
CMH
VCC = 5 V, TA = 25
°C, IF = 0 mA,
VO (MIN.) = 2 V, VCM = 1.5 kV, RL = 350
Ω
15
kV/
μs
Common Mode
Transient Immunity at Low Level
Output
*4
CML
VCC = 5 V, TA = 25
°C, IF = 7.5 mA,
VO (MAX.) = 0.8 V, VCM = 1.5 kV, RL = 350
Ω
15
kV/
μs


Similar Part No. - PS9587L3-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9587L3-V-E3-AX CEL-PS9587L3-V-E3-AX Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
More results

Similar Description - PS9587L3-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9587 CEL-PS9587 Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PS9687L1 CEL-PS9687L1 Datasheet
409Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9817A-1 RENESAS-PS9817A-1_15 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9214 RENESAS-PS9214 Datasheet
308Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
April 1st, 2010
logo
California Eastern Labs
PS9214 CEL-PS9214 Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9214_V1 CEL-PS9214_V1 Datasheet
872Kb / 15P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com