Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9587L3-V-E3-AX Datasheet(PDF) 8 Page - NEC

Part # PS9587L3-V-E3-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9587L3-V-E3-AX Datasheet(HTML) 8 Page - NEC

Back Button PS9587L3-V-E3-AX Datasheet HTML 4Page - NEC PS9587L3-V-E3-AX Datasheet HTML 5Page - NEC PS9587L3-V-E3-AX Datasheet HTML 6Page - NEC PS9587L3-V-E3-AX Datasheet HTML 7Page - NEC PS9587L3-V-E3-AX Datasheet HTML 8Page - NEC PS9587L3-V-E3-AX Datasheet HTML 9Page - NEC PS9587L3-V-E3-AX Datasheet HTML 10Page - NEC PS9587L3-V-E3-AX Datasheet HTML 11Page - NEC PS9587L3-V-E3-AX Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet PN10678EJ03V0DS
8
PS9587,PS9587L1,PS9587L2,PS9587L3
*1 Typical values at TA = 25
°C
*2 Because VOL of 2 V or more may be output when LED current is input and when output power supply is on and
off, confirm the characteristics (operation with the power supply on and off) during design, before using this
device.
*3 Test circuit for propagation delay time
Input
Output
1.5 V
VOH
VOL
tPHL
tPLH
(IF = 7.5 mA)
50%
0 V
5 V
Remark CL includes probe and stray wiring capacitance.
47
Ω
Pulse input (IF)
Input
(monitor)
(PW = 1 s,
Duty cycle = 1/10)
μ
RL = 350
Ω
VO (monitor)
VCC = 5 V
0.1 F
μ
CL = 15 pF
*4 Test circuit for common mode transient immunity
90%
10%
1.5 kV
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
tr
tf
VO (monitor)
VCC = 5 V
0.1 F
μ
CL = 15 pF
VCM
RL = 350
Ω
SW IF
Remark CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of more than 0.1
μF is used between VCC and GND near device. Also, ensure that the
distance between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.


Similar Part No. - PS9587L3-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9587L3-V-E3-AX CEL-PS9587L3-V-E3-AX Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
More results

Similar Description - PS9587L3-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9587 CEL-PS9587 Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PS9687L1 CEL-PS9687L1 Datasheet
409Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9817A-1 RENESAS-PS9817A-1_15 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9214 RENESAS-PS9214 Datasheet
308Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
April 1st, 2010
logo
California Eastern Labs
PS9214 CEL-PS9214 Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9214_V1 CEL-PS9214_V1 Datasheet
872Kb / 15P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com