Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9302L Datasheet(PDF) 11 Page - NEC

Part # PS9302L
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9302L Datasheet(HTML) 11 Page - NEC

Back Button PS9302L Datasheet HTML 7Page - NEC PS9302L Datasheet HTML 8Page - NEC PS9302L Datasheet HTML 9Page - NEC PS9302L Datasheet HTML 10Page - NEC PS9302L Datasheet HTML 11Page - NEC PS9302L Datasheet HTML 12Page - NEC PS9302L Datasheet HTML 13Page - NEC PS9302L Datasheet HTML 14Page - NEC PS9302L Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet PN10744EJ02V0DS
11
PS9302L
Supply Voltage VCC (V)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
HIGH LEVEL OUTPUT VOLTAGE SUPPLY
VOLTAGE vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
HIGH LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
LOW LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD RESISTANCE
Load Resistance Rg (
Ω)
15
20
30
25
3.5
3
2.5
2
1.5
1
VEE = GND,
VO = OPEN
ICCH (IF = 10 mA)
ICCL (IF = 0 mA)
–20
0
20
40
100
80
60
–40
0
–1
–2
–3
–4
VCC = 30 V, VEE = GND,
IF = 10 mA, IO = –100 mA
–20
0
20
40
100
80
60
–40
0.25
0.2
0.15
0.1
0.05
0
VCC = 30 V, VEE = GND,
IF = 0 mA, IO = 100 mA
–20
0
20
40
100
80
60
–40
3
2.5
2
1.5
1
VCC = 30 V, VEE = GND,
IF = 10 mA, VO = 26 V
–20
0
20
40
100
80
60
–40
VCC = 30 V, VEE = GND,
IF = 0 mA, VO = 2.5 V
4
3
2
1
010
20
30
40
50
60
VCC = 30 V, VEE = GND,
IF = 10 mA, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
500
400
300
200
100
0
tPHL
PWD
tPLH
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS9302L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9302L RENESAS-PS9302L Datasheet
297Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
April 1st, 2010
More results

Similar Description - PS9302L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9305L_15 RENESAS-PS9305L_15_15 Datasheet
297Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9302L RENESAS-PS9302L Datasheet
297Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
April 1st, 2010
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L Datasheet
360Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com