Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

390FS010M08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 390FS010M08
Description  Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

390FS010M08 Datasheet(HTML) 1 Page - Glenair, Inc.

  390FS010M08 Datasheet HTML 1Page - Glenair, Inc. 390FS010M08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 39 - Page 36
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
390 F S 010 M 16 10 E 6
Product Series
Connector
Designator
Angle and Profile
A = 90
B = 45
S = Straight
Basic Part No.
Length: S only
(1/2 inch increments:
e.g. 6 = 3 inches)
Strain Relief Style (C, E)
Cable Entry (Tables X, XI)
Shell Size (Table I)
Finish (Table II)
B
(Table I)
A Thread
(Table I)
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 6
DIRECT COUPLING
TYPE C OVERALL
SHIELD TERMINATION
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order Length 2.0 Inch
(See Note 4)
* Length
± .060 (1.52)
Min. Order
Length 1.5 Inch
(See Note 4)
O-Rings
E
(Table
IV)
F (Table IV)
J
(Table III)
J
(Table
III)
G
(Table
IV)
H
(Table IV)
.937 (23.8) Approx
Length *
STYLE C
Medium Duty
(Table X)
STYLE E
Medium Duty
(Table XI)
T
Cable
Range
W
X (See
Note 5)
Clamping
Bars
Y
Cable
Range
Z
B
(Table I)
B
(Table I)
390-010
Submersible EMI/RFI Cable Sealing Backshell
with Strain Relief
Type C - Direct Coupling - Low Profile


Similar Part No. - 390FS010M08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390FS011M08 GLENAIR-390FS011M08 Datasheet
87Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390FS011M10 GLENAIR-390FS011M10 Datasheet
87Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390FS011M12 GLENAIR-390FS011M12 Datasheet
87Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390FS011M14 GLENAIR-390FS011M14 Datasheet
87Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390FS011M16 GLENAIR-390FS011M16 Datasheet
87Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
More results

Similar Description - 390FS010M08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390AM056M08 GLENAIR-390AM056M08 Datasheet
86Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA057M08 GLENAIR-390AA057M08 Datasheet
65Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA035M08 GLENAIR-390AA035M08 Datasheet
60Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM053M08 GLENAIR-390AM053M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AH053M08 GLENAIR-390AH053M08 Datasheet
83Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AH055M08 GLENAIR-390AH055M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA006M08 GLENAIR-390AA006M08 Datasheet
104Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA007M08 GLENAIR-390AA007M08 Datasheet
114Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM058M08 GLENAIR-390AM058M08 Datasheet
72Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA009M08 GLENAIR-390AA009M08 Datasheet
65Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com