Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG2101M16 Datasheet(PDF) 2 Page - NEC

Part # NESG2101M16
Description  NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG2101M16 Datasheet(HTML) 2 Page - NEC

  NESG2101M16 Datasheet HTML 1Page - NEC NESG2101M16 Datasheet HTML 2Page - NEC NESG2101M16 Datasheet HTML 3Page - NEC NESG2101M16 Datasheet HTML 4Page - NEC NESG2101M16 Datasheet HTML 5Page - NEC NESG2101M16 Datasheet HTML 6Page - NEC NESG2101M16 Datasheet HTML 7Page - NEC NESG2101M16 Datasheet HTML 8Page - NEC NESG2101M16 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
100
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
100
nA
DC Current Gain
hFE
Note 1
VCE = 2 V, IC = 15 mA
130
190
260
RF Characteristics
Gain Bandwidth Product
fT
VCE = 3 V, IC = 50 mA, f = 2 GHz
14
17
GHz
Insertion Power Gain
⏐S21e2 VCE = 3 V, IC = 50 mA, f = 2 GHz
11.5
13.5
dB
Noise Figure (1)
NF
VCE = 2 V, IC = 10 mA, f = 2 GHz,
ZS = ZSopt, ZL = ZLopt
0.9
1.2
dB
Noise Figure (2)
NF
VCE = 2 V, IC = 7 mA, f = 1 GHz,
ZS = ZSopt, ZL = ZLopt
0.6
dB
Associated Gain (1)
Ga
VCE = 2 V, IC = 10 mA, f = 2 GHz,
ZS = ZSopt, ZL = ZLopt
11.0
13.0
dB
Associated Gain (2)
Ga
VCE = 2 V, IC = 7 mA, f = 1 GHz,
ZS = ZSopt, ZL = ZLopt
19.0
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 2 V, IE = 0 mA, f = 1 MHz
0.4
0.5
pF
Maximum Stable Power Gain
MSG
Note 3
VCE = 3 V, IC = 50 mA, f = 2 GHz
14.5
17.0
dB
Gain 1 dB Compression Output Power
PO (1 dB)
VCE = 3.6 V, IC (set) = 10 mA (RF OFF),
f = 2 GHz, ZS = ZSopt, ZL = ZLopt
21
dBm
Linear Gain
GL
VCE = 3.6 V, IC = 10 mA, f = 2 GHz,
ZS = ZSopt, ZL = ZLopt
15
dBm
Notes 1. Pulse measurement: PW
≤ 350
μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
3. MSG =
hFE CLASSIFICATION
Rank
FB/YFB
Marking
zH
hFE Value
130 to 260
S21
S12
<R>
Data Sheet PU10395EJ03V0DS
2
NESG2101M16


Similar Part No. - NESG2101M16

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2101M16 NEC-NESG2101M16 Datasheet
83Kb / 2P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
logo
California Eastern Labs
NESG2101M16 CEL-NESG2101M16 Datasheet
227Kb / 3P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
NESG2101M16 RENESAS-NESG2101M16 Datasheet
352Kb / 15P
   NPN SILICON GERMANIUM RF TRANSISTOR
2009
NESG2101M16-A RENESAS-NESG2101M16-A Datasheet
352Kb / 15P
   NPN SILICON GERMANIUM RF TRANSISTOR
2009
logo
NEC
NESG2101M16-T3 NEC-NESG2101M16-T3 Datasheet
83Kb / 2P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
More results

Similar Description - NESG2101M16

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2031M16 NEC-NESG2031M16 Datasheet
119Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
California Eastern Labs
NESG2021M16 CEL-NESG2021M16 Datasheet
861Kb / 11P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
NEC
NESG2021M16 NEC-NESG2021M16 Datasheet
120Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
Renesas Technology Corp
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
   NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
logo
NEC
NESG4030M14 NEC-NESG4030M14 Datasheet
112Kb / 10P
   NPN SiGe:C RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 4-PIN LEAD-LESS MINIMOLD (M14, 1208 PKG)
logo
Renesas Technology Corp
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC5753 RENESAS-2SC5753_15 Datasheet
224Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com