Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG2101M16 Datasheet(PDF) 11 Page - NEC

Part # NESG2101M16
Description  NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG2101M16 Datasheet(HTML) 11 Page - NEC

Back Button NESG2101M16 Datasheet HTML 5Page - NEC NESG2101M16 Datasheet HTML 6Page - NEC NESG2101M16 Datasheet HTML 7Page - NEC NESG2101M16 Datasheet HTML 8Page - NEC NESG2101M16 Datasheet HTML 9Page - NEC NESG2101M16 Datasheet HTML 10Page - NEC NESG2101M16 Datasheet HTML 11Page - NEC NESG2101M16 Datasheet HTML 12Page - NEC NESG2101M16 Datasheet HTML 13Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
5
2
1
3
0
25
5
15
20
0
1
10
100
VCE = 3 V,
f = 1 GHz
Ga
NF
10
4
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
5
2
1
3
0
25
5
15
20
0
1
10
100
VCE = 3 V,
f = 2 GHz
Ga
NF
10
4
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
5
2
1
3
0
25
5
15
20
0
1
10
100
VCE = 3 V,
f = 3 GHz
Ga
NF
10
4
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
S-parameters and noise parameters are provided on our Web site in a format (S2P) that enables the direct import
of the parameters to microwave circuit simulators without the need for keyboard inputs.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.necel.com/microwave/en/
<R>
Data Sheet PU10395EJ03V0DS
11
NESG2101M16


Similar Part No. - NESG2101M16

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2101M16 NEC-NESG2101M16 Datasheet
83Kb / 2P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
logo
California Eastern Labs
NESG2101M16 CEL-NESG2101M16 Datasheet
227Kb / 3P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
NESG2101M16 RENESAS-NESG2101M16 Datasheet
352Kb / 15P
   NPN SILICON GERMANIUM RF TRANSISTOR
2009
NESG2101M16-A RENESAS-NESG2101M16-A Datasheet
352Kb / 15P
   NPN SILICON GERMANIUM RF TRANSISTOR
2009
logo
NEC
NESG2101M16-T3 NEC-NESG2101M16-T3 Datasheet
83Kb / 2P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
More results

Similar Description - NESG2101M16

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2031M16 NEC-NESG2031M16 Datasheet
119Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
California Eastern Labs
NESG2021M16 CEL-NESG2021M16 Datasheet
861Kb / 11P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
NEC
NESG2021M16 NEC-NESG2021M16 Datasheet
120Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
Renesas Technology Corp
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
   NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
logo
NEC
NESG4030M14 NEC-NESG4030M14 Datasheet
112Kb / 10P
   NPN SiGe:C RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 4-PIN LEAD-LESS MINIMOLD (M14, 1208 PKG)
logo
Renesas Technology Corp
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC5753 RENESAS-2SC5753_15 Datasheet
224Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com