Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3224TB-E3 Datasheet(PDF) 3 Page - NEC

Part # UPC3224TB-E3
Description  5 V, SILICON MMIC WIDEBAND AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3224TB-E3 Datasheet(HTML) 3 Page - NEC

  UPC3224TB-E3 Datasheet HTML 1Page - NEC UPC3224TB-E3 Datasheet HTML 2Page - NEC UPC3224TB-E3 Datasheet HTML 3Page - NEC UPC3224TB-E3 Datasheet HTML 4Page - NEC UPC3224TB-E3 Datasheet HTML 5Page - NEC UPC3224TB-E3 Datasheet HTML 6Page - NEC UPC3224TB-E3 Datasheet HTML 7Page - NEC UPC3224TB-E3 Datasheet HTML 8Page - NEC UPC3224TB-E3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PIN EXPLANATIONS
PIN
No.
Pin Name
Applied
Voltage (V)
Pin Voltage
(V)
Note
Function and Applications
1
INPUT
0.91
Signal input pin.
A internal matching circuit, configured with resistors, enables 50
connection over a wide band.
A multi-feedback circuits is designed to cancel the deviations of hFE and
resistance.
This pin must be coupled to signal source with capacitor for DC cut.
4
OUTPUT
4.42
Signal output pin.
A internal matching circuit, configured with resistors, enables 50
connection over a wide band.
This pin must be coupled to next stage with capacitor for DC cut.
6
VCC
4.5 to 5.5
Power suplly pin.
This pin should be externally equipped with bypass capacitor to minimize
its impedance.
2
3
5
GND
0
Ground pin.
This pin should be connected to system ground with minimum
inductance. Ground pattern on the board should be formed as wide as
possible.
All the ground pins must be connected together with wide ground pattern
to decrease impedance difference.
Note Pin Voltage is measured at VCC = 5.0 V
Data Sheet PU10490EJ01V0DS
3
µPC3224TB


Similar Part No. - UPC3224TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3224TB-E3 CEL-UPC3224TB-E3 Datasheet
416Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC3224TB-E3-A CEL-UPC3224TB-E3-A Datasheet
416Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results

Similar Description - UPC3224TB-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC3224TB RENESAS-PC3224TB_15 Datasheet
224Kb / 17P
   5 V, SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB CEL-UPC2711TB Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com