Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3226TB-E3 Datasheet(PDF) 6 Page - NEC

Part # UPC3226TB-E3
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3226TB-E3 Datasheet(HTML) 6 Page - NEC

Back Button UPC3226TB-E3 Datasheet HTML 2Page - NEC UPC3226TB-E3 Datasheet HTML 3Page - NEC UPC3226TB-E3 Datasheet HTML 4Page - NEC UPC3226TB-E3 Datasheet HTML 5Page - NEC UPC3226TB-E3 Datasheet HTML 6Page - NEC UPC3226TB-E3 Datasheet HTML 7Page - NEC UPC3226TB-E3 Datasheet HTML 8Page - NEC UPC3226TB-E3 Datasheet HTML 9Page - NEC UPC3226TB-E3 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ILLUSTRATION OF THE TEST CIRCUIT ASSEMBLED ON EVALUATION BOARD
IN
OUT
C1
C2
C3
C4
L
Notes
1.
30
× 30 × 0.4 mm double sided copper clad polyimide board.
2.
Back side: GND pattern
3.
Solder plated on pattern
4.
: Through holes
COMPONENT LIST
Value
C1, C2
100 pF
C3, C4
1 000 pF
L1
100 nH
Data Sheet PU10558EJ01V0DS
6
µPC3226TB


Similar Part No. - UPC3226TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3226TB-E3 CEL-UPC3226TB-E3 Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC3226TB-E3 RENESAS-UPC3226TB-E3 Datasheet
318Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
logo
California Eastern Labs
UPC3226TB-E3-A CEL-UPC3226TB-E3-A Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC3226TB-E3-A RENESAS-UPC3226TB-E3-A Datasheet
318Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
More results

Similar Description - UPC3226TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3232TB NEC-UPC3232TB Datasheet
161Kb / 15P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3236TK NEC-UPC3236TK Datasheet
256Kb / 22P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3223TB NEC-UPC3223TB Datasheet
94Kb / 15P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
PC3223TB RENESAS-PC3223TB_15 Datasheet
225Kb / 17P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3223TB CEL-UPC3223TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com