Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3226TB-E3 Datasheet(PDF) 7 Page - NEC

Part # UPC3226TB-E3
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3226TB-E3 Datasheet(HTML) 7 Page - NEC

Back Button UPC3226TB-E3 Datasheet HTML 3Page - NEC UPC3226TB-E3 Datasheet HTML 4Page - NEC UPC3226TB-E3 Datasheet HTML 5Page - NEC UPC3226TB-E3 Datasheet HTML 6Page - NEC UPC3226TB-E3 Datasheet HTML 7Page - NEC UPC3226TB-E3 Datasheet HTML 8Page - NEC UPC3226TB-E3 Datasheet HTML 9Page - NEC UPC3226TB-E3 Datasheet HTML 10Page - NEC UPC3226TB-E3 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TYPICAL CHARACTERISTICS (TA = +25
°C, VCC = Vout = 5.0 V, ZS = ZL = 50 Ω, unless otherwise specified)
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
01
3
25
20
15
10
5
24
5
6
CURCUIT CURRENT vs.
OPERATING AMBIENT TEMPERATURE
Operating Ambient Temperature TA (
°C)
–50
–25
0
18
17
16
15
14
13
12
25
75
100
50
+25
°C
–40
°C
TA = +85
°C
No Input Signal
POWER GAIN vs. FREQUENCY
Frequency f (GHz)
0.1
0.3
0.5
3.0
30
25
20
15
10
5
0
2.0
1.0
VCC = 5.5 V
4.5 V 5.0 V
ISOLATION vs. FREQUENCY
Frequency f (GHz)
0.1
0.3
0.5
3.0
0
–10
–20
–30
–40
–50
–60
2.0
1.0
5.5 V
5.0 V
VCC = 4.5 V
INPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
0.1
0.3
0.5
3.0
0
–5
–10
–15
–20
–25
–30
2.0
1.0
VCC = 4.5 V
5.0 V
5.5 V
OUTPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
0.1
0.3
0.5
3.0
0
–5
–10
–15
–20
–25
–30
2.0
1.0
5.5 V
5.0 V
VCC = 4.5 V
Remark The graphs indicate nominal characteristics.
Data Sheet PU10558EJ01V0DS
7
µPC3226TB


Similar Part No. - UPC3226TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3226TB-E3 CEL-UPC3226TB-E3 Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC3226TB-E3 RENESAS-UPC3226TB-E3 Datasheet
318Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
logo
California Eastern Labs
UPC3226TB-E3-A CEL-UPC3226TB-E3-A Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC3226TB-E3-A RENESAS-UPC3226TB-E3-A Datasheet
318Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
More results

Similar Description - UPC3226TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3232TB NEC-UPC3232TB Datasheet
161Kb / 15P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3236TK NEC-UPC3236TK Datasheet
256Kb / 22P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3223TB NEC-UPC3223TB Datasheet
94Kb / 15P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
PC3223TB RENESAS-PC3223TB_15 Datasheet
225Kb / 17P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3223TB CEL-UPC3223TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com