Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3232TB-E3-A Datasheet(PDF) 10 Page - NEC

Part # UPC3232TB-E3-A
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3232TB-E3-A Datasheet(HTML) 10 Page - NEC

Back Button UPC3232TB-E3-A Datasheet HTML 6Page - NEC UPC3232TB-E3-A Datasheet HTML 7Page - NEC UPC3232TB-E3-A Datasheet HTML 8Page - NEC UPC3232TB-E3-A Datasheet HTML 9Page - NEC UPC3232TB-E3-A Datasheet HTML 10Page - NEC UPC3232TB-E3-A Datasheet HTML 11Page - NEC UPC3232TB-E3-A Datasheet HTML 12Page - NEC UPC3232TB-E3-A Datasheet HTML 13Page - NEC UPC3232TB-E3-A Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
S-PARAMETERS (TA = +25
°C, VDD = VCC = 5.0 V, Pin = −35 dBm)
S11
−FREQUENCY
1 : 81.254
–9.457
67.317 pF
250 MHz
2 : 46.533
–23.434
1 GHz
3 : 35.576
10.355
2.2 GHz
4 : 45.572
17.93
2.6 GHz
START :
100.000 000 MHz
STOP
: 3 100.000 000 MHz
4
2
1
3
S22
−FREQUENCY
1 : 44.955
17.123
10.901 nH
250 MHz
2 : 48.875
–16.785
1 GHz
3 : 51.383
18.615
2.2 GHz
4 : 66.562
5.5
2.6 GHz
START :
100.000 000 MHz
STOP
: 3 100.000 000 MHz
4
2
1
3
Data Sheet PU10597EJ01V0DS
10
µPC3232TB


Similar Part No. - UPC3232TB-E3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3232TB-E3-A CEL-UPC3232TB-E3-A Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC3232TB-E3-A RENESAS-UPC3232TB-E3-A Datasheet
345Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
More results

Similar Description - UPC3232TB-E3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3226TB NEC-UPC3226TB Datasheet
111Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3236TK NEC-UPC3236TK Datasheet
256Kb / 22P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3223TB NEC-UPC3223TB Datasheet
94Kb / 15P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
PC3223TB RENESAS-PC3223TB_15 Datasheet
225Kb / 17P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3223TB CEL-UPC3223TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com