Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD5715GR Datasheet(PDF) 7 Page - NEC

Part # UPD5715GR
Description  CMOS MMIC 4 x 2 IF SWITCH MATRIX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD5715GR Datasheet(HTML) 7 Page - NEC

Back Button UPD5715GR Datasheet HTML 3Page - NEC UPD5715GR Datasheet HTML 4Page - NEC UPD5715GR Datasheet HTML 5Page - NEC UPD5715GR Datasheet HTML 6Page - NEC UPD5715GR Datasheet HTML 7Page - NEC UPD5715GR Datasheet HTML 8Page - NEC UPD5715GR Datasheet HTML 9Page - NEC UPD5715GR Datasheet HTML 10Page - NEC UPD5715GR Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TYPICAL CHARACTERISTICS
(TA = +25
°C, VDD = +3.3 V, VCONT = 0 V/+3.3 V, Pin = 0 dBm, ZO = 50 Ω, unless otherwise specified)
–4
–5
–6
–7
–8
0.0
1.0
1.5
2.0
0.5
2.5
3.0
Frequency f (GHz)
INSERTION LOSS vs. FREQUENCY
Other mode
On channel mode : AA, BB, CC,DD
0
–10
–20
–30
–40
Frequency f (GHz)
INPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
SIGNAL LEAKAGE vs. FREQUENCY
Frequency f (GHz)
OUTPUT RETURN LOSS vs. FREQUENCY
0.0
1.5
2.0
1.0
0.5
2.5
3.0
Input deselected
Input selected
–20
–30
–40
–50
–60
–70
–80
0.0
1.0
1.5
2.0
0.5
2.5
3.0
0
–10
–20
–30
–40
–50
0.0
1.0
1.5
2.0
0.5
2.5
3.0
Remark The graphs indicate nominal characteristics.
Data Sheet PU10601EJ01V0DS
7
µPD5715GR


Similar Part No. - UPD5715GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD5715GR RENESAS-UPD5715GR Datasheet
344Kb / 16P
   CMOS INTEGRATED CIRCUIT
2006
UPD5715GR-E1 RENESAS-UPD5715GR-E1 Datasheet
344Kb / 16P
   CMOS INTEGRATED CIRCUIT
2006
UPD5715GR-E1-A RENESAS-UPD5715GR-E1-A Datasheet
344Kb / 16P
   CMOS INTEGRATED CIRCUIT
2006
More results

Similar Description - UPD5715GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPD5716GR NEC-UPD5716GR Datasheet
176Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
Renesas Technology Corp
PD5716GR RENESAS-PD5716GR Datasheet
303Kb / 16P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
NEC
UPG2053K NEC-UPG2053K Datasheet
104Kb / 12P
   GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
UPG2054K NEC-UPG2054K Datasheet
144Kb / 14P
   GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
logo
Renesas Technology Corp
UPD5754T7A RENESAS-UPD5754T7A Datasheet
252Kb / 14P
   SiGe/CMOS Integrated Circuit 4 * 2 IF Switch Matrix with Gain and Tone
logo
NXP Semiconductors
TDA8540 PHILIPS-TDA8540 Datasheet
131Kb / 20P
   4 X 4 video switch matrix
1995 Feb 06
logo
Skyworks Solutions Inc.
SKY13264-340LF SKYWORKS-SKY13264-340LF Datasheet
112Kb / 3P
   4 x 2 Switch Matrix 250 MHz-2.15 GHz
SKY13272-340LF SKYWORKS-SKY13272-340LF Datasheet
544Kb / 5P
   4 x 2 Switch Matrix 250 MHz-2.15 GHz
logo
JFW Industries, Inc.
75MS-037 JFW-75MS-037 Datasheet
37Kb / 2P
   2 x 12 BLOCKING SWITCH MATRIX
75MS-030 JFW-75MS-030 Datasheet
37Kb / 2P
   2 x 6 BLOCKING SWITCH MATRIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com