Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD5713TK Datasheet(PDF) 6 Page - NEC

Part # UPD5713TK
Description  WIDE BAND SPDT SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD5713TK Datasheet(HTML) 6 Page - NEC

Back Button UPD5713TK Datasheet HTML 2Page - NEC UPD5713TK Datasheet HTML 3Page - NEC UPD5713TK Datasheet HTML 4Page - NEC UPD5713TK Datasheet HTML 5Page - NEC UPD5713TK Datasheet HTML 6Page - NEC UPD5713TK Datasheet HTML 7Page - NEC UPD5713TK Datasheet HTML 8Page - NEC UPD5713TK Datasheet HTML 9Page - NEC UPD5713TK Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet PU10627EJ01V0DS
6
μPD5713TK
TYPICAL CHARACTERISTICS
(TA = +25
°C, VDD = 2.8 V, Vcont (H) = 2.8 V, Vcont (L) = 0 V, Pin = 0 dBm, DC cut capacitors = 1 000 pF,
unless otherwise specified)
2.5
2.0
1.0
1.5
0.5
0
–1.0
–1.5
–2.5
0
1.0
2.0
3.0
–0.5
–2.0
0.5
1.5
2.5
2
1
3
4
5
1: –0.584 dB
0.5 GHz
2: –0.659 dB
1.0 GHz
3: –0.730 dB
1.5 GHz
4: –0.811 dB
2.0 GHz
5: –0.924 dB
2.5 GHz
2.5
2.0
1.0
1.5
0.5
0
–1.0
–1.5
–2.5
0
1.0
2.0
3.0
–0.5
–2.0
0.5
1.5
2.5
2
1
3
4
5
1: –0.584 dB
0.5 GHz
2: –0.653 dB
1.0 GHz
3: –0.731 dB
1.5 GHz
4: –0.826 dB
2.0 GHz
5: –0.968 dB
2.5 GHz
40
30
10
20
0
–10
–30
–40
–60
0
1.0
2.0
3.0
–20
–50
0.5
1.5
2.5
2
1
3
4
5
1: –38.2 dB
0.5 GHz
2: –31.7 dB
1.0 GHz
3: –27.4 dB
1.5 GHz
4: –23.9 dB
2.0 GHz
5: –22.4 dB
2.5 GHz
40
30
10
20
0
–10
–30
–40
–60
0
1.0
2.0
3.0
–20
–50
0.5
1.5
2.5
2
1
3
4
5
1: –39.0 dB
0.5 GHz
2: –31.8 dB
1.0 GHz
3: –27.9 dB
1.5 GHz
4: –24.4 dB
2.0 GHz
5: –21.6 dB
2.5 GHz
40
30
10
20
0
–10
–30
–40
–60
0
1.0
2.0
3.0
–20
–50
0.5
1.5
2.5
2
1
3
4
5
1: –26.0 dB
0.5 GHz
2: –21.5 dB
1.0 GHz
3: –19.5 dB
1.5 GHz
4: –18.3 dB
2.0 GHz
5: –18.9 dB
2.5 GHz
40
30
10
20
0
–10
–30
–40
–60
0
1.0
2.0
3.0
–20
–50
0.5
1.5
2.5
2
1
3
4
5
1: –26.4 dB
0.5 GHz
2: –21.8 dB
1.0 GHz
3: –19.6 dB
1.5 GHz
4: –18.5 dB
2.0 GHz
5: –18.3 dB
2.5 GHz
INPUT–OUTPUT1
INSERSION LOSS vs. FREQUENCY
Frequency f (GHz)
INPUT–OUTPUT2
INSERSION LOSS vs. FREQUENCY
Frequency f (GHz)
Frequency f (MHz)
INPUT–OUTPUT1
ISOLATION vs. FREQUENCY
Frequency f (MHz)
INPUT–OUTPUT2
ISOLATION vs. FREQUENCY
Frequency f (MHz)
INPUT–OUTPUT1
INPUT RETURN LOSS vs. FREQUENCY
Frequency f (MHz)
INPUT–OUTPUT2
INPUT RETURN LOSS vs. FREQUENCY
Remark The graphs indicate nominal characteristics.


Similar Part No. - UPD5713TK

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPD5713TK CEL-UPD5713TK Datasheet
180Kb / 7P
   WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK Datasheet
192Kb / 11P
   WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK Datasheet
587Kb / 11P
   WIDE BAND SPDT SWITCH
logo
Renesas Technology Corp
UPD5713TK RENESAS-UPD5713TK Datasheet
226Kb / 14P
   CMOS INTEGRATED CIRCUIT
2006
logo
California Eastern Labs
UPD5713TK-A CEL-UPD5713TK-A Datasheet
468Kb / 10P
   WIDE BAND SPDT SWITCH
More results

Similar Description - UPD5713TK

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPD5713TK CEL-UPD5713TK Datasheet
180Kb / 7P
   WIDE BAND SPDT SWITCH
UPD5713TK-A CEL-UPD5713TK-A Datasheet
468Kb / 10P
   WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_1 Datasheet
192Kb / 11P
   WIDE BAND SPDT SWITCH
logo
Renesas Technology Corp
PD5713TK RENESAS-PD5713TK Datasheet
227Kb / 14P
   WIDE BAND SPDT SWITCH
logo
California Eastern Labs
UPD5713TK CEL-UPD5713TK_09 Datasheet
468Kb / 10P
   WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_12 Datasheet
587Kb / 11P
   WIDE BAND SPDT SWITCH
logo
Filtronic Compound Semi...
FMS2031-001 FILTRONIC-FMS2031-001 Datasheet
248Kb / 7P
   10 Watt GaAs Wide Band SPDT Switch
FMS2020 FILTRONIC-FMS2020 Datasheet
214Kb / 4P
   GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020QFN FILTRONIC-FMS2020QFN Datasheet
181Kb / 6P
   GaAs Multi-Purpose Wide Band SPDT Switch
logo
NEC
UPD5710TK NEC-UPD5710TK Datasheet
452Kb / 9P
   NECs WIDE BAND SINGLE CONTROL CMOS SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com