Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11217BUCL Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK11217BUCL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11217BUCL Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK11217BUCL Datasheet HTML 4Page - TOKO, Inc TK11217BUCL Datasheet HTML 5Page - TOKO, Inc TK11217BUCL Datasheet HTML 6Page - TOKO, Inc TK11217BUCL Datasheet HTML 7Page - TOKO, Inc TK11217BUCL Datasheet HTML 8Page - TOKO, Inc TK11217BUCL Datasheet HTML 9Page - TOKO, Inc TK11217BUCL Datasheet HTML 10Page - TOKO, Inc TK11217BUCL Datasheet HTML 11Page - TOKO, Inc TK11217BUCL Datasheet HTML 12Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Page 8
October 1999 TOKO, Inc.
TK112xxB
GROUND CURRENT VS. OUTPUT
CURRENT
0
100
200
IOUT (mA)
10
8
6
4
2
0
REVERSE BIAS CURRENT
(VIN = 0 V)
020
VREV (V)
0
100
200
300
400
500
10
1.9 V
2.0 V
VOUT = 1.3 V
UPPER
QUIESCENT CURRENT (OFF
MODE) VS. INPUT VOLTAGE
020
VIN (V)
0
50
100
10
QUIESCENT CURRENT (ON
MODE) vs. INPUT VOLTAGE
05
0
0.5
1.0
2.5
VIN (V)
IOUT = 0 mA
VOUT = 1.3 to 1.8 V
VOUT = 1.9 V
VOUT
GROUND CURRENT
-50
100
0
2
1
050
TA (°C)
IOUT = 60 mA
IOUT = 30 mA
DROPOUT VOLTAGE
-50
100
0
100
050
200
300
400
500
TA (°C)
IOUT = 150 mA
IOUT = 60 mA
IOUT = 30 mA
CONTROL CURRENT
-50
100
0
10
050
30
40
50
TA (°C)
20
VCONT = 5 V
VCONT = 1.8 V
VCONT (VOUT, ON POINT)
-50
100
0
50
1.0
2.0
TA (°C)
0
RCONT = 0 Ω
QUIESCENT CURRENT (ON
MODE) VS. INPUT VOLTAGE
010
0
1
2
5
VIN (V)
IOUT = 0 mA
VOUT =
3 V
5 V
2 V
4 V
VOUT = 1.3 to 1.8 V
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.


Similar Part No. - TK11217BUCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11220A TOKO-TK11220A Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11220AMBX TOKO-TK11220AMBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11220AMTB TOKO-TK11220AMTB Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11220AMTL TOKO-TK11220AMTL Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11220AUBX TOKO-TK11220AUBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11217BUCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com