Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK71536SCL Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK71536SCL
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71536SCL Datasheet(HTML) 2 Page - TOKO, Inc

  TK71536SCL Datasheet HTML 1Page - TOKO, Inc TK71536SCL Datasheet HTML 2Page - TOKO, Inc TK71536SCL Datasheet HTML 3Page - TOKO, Inc TK71536SCL Datasheet HTML 4Page - TOKO, Inc TK71536SCL Datasheet HTML 5Page - TOKO, Inc TK71536SCL Datasheet HTML 6Page - TOKO, Inc TK71536SCL Datasheet HTML 7Page - TOKO, Inc TK71536SCL Datasheet HTML 8Page - TOKO, Inc TK71536SCL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Page 2
January 1999 TOKO, Inc.
TK715xx
ABSOLUTE MAXIMUM RATINGS (V
OUT 5.0 V)
Supply Voltage .............................................. -0.4 to 16 V
Power Dissipation (Note 1) ................................ 350 mW
Reverse Bias .............................................................. 8 V
Storage Temperature (Ambient) ............... -55 to +150
°C
Operating Temperature (Ambient) .............. -30 to +80
°C
Max. Operating Temperature (Junction) ............... 125
°C
Operating Voltage Range ............................ 1.8 to 14.0 V
Junction Temperature ........................................... 150
°C
Lead Soldering Temperature (10 s) ...................... 235
°C
TK715xx ELECTRICAL CHARACTERISTICS (V
OUT 5.0 V)
Test conditions: T
A = 25 °C, unless otherwise specified.
Note 1: Power dissipation is 350 mW when mounted as recommended. Derate at 2.8 mW/
°C for operation above 25 °C.
Note 2: Refer to “Definition of Terms.”
Note 3: Ripple rejection and noise voltage are affected by the value and characteristics of the capacitor used.
Note 4: Ripple rejection is measured at V
R = 200 mVrms, VIN = VOUT(TYP) + 2 V, IOUT = 10 mA, CL = 4.7 µF, f = 100 Hz.
Gen. Note: Parameters with min. or max. values are 100% tested at T
A = 25 °C.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
Q
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
I
T
U
O
V
,
A
m
0
=
T
U
O
V
0
.
45
25
4A
µ
I
T
U
O
V
,
A
m
0
=
T
U
O
V
1
.
40
30
5A
µ
I
D
N
G
t
n
e
r
r
u
C
d
n
u
o
r
GI
T
U
O
A
m
0
5
=4
.
15
.
2A
m
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
OI
T
U
O
A
m
0
1
=1
e
l
b
a
T
e
e
SV
g
e
R
e
n
i
Ln
o
i
t
a
l
u
g
e
R
e
n
i
L
V
N
I
V
=
)
P
Y
T
(
T
U
O
o
t
V
1
+
V
)
P
Y
T
(
T
U
O
V
6
+
0
.
10
1V
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
L
I
T
U
O
)
2
e
t
o
N
(
,
A
m
0
5
o
t
5
=0
10
3V
m
I
T
U
O
)
2
e
t
o
N
(
,
A
m
0
0
1
o
t
5
=0
20
5V
m
V
P
O
R
D
e
g
a
t
l
o
V
t
u
o
p
o
r
D
I
T
U
O
A
m
0
5
=5
0
1
.
00
8
1
0
.V
I
T
U
O
V
,
A
m
0
0
1
=
T
U
O
V
4
.
25
8
1
.
00
8
2
.
0V
I
T
U
O
V
,
A
m
0
0
1
=
T
U
O
V
4
.
2
<5
8
1
.
00
3
3
.
0V
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
s
u
o
u
n
i
t
n
o
C
0
0
1A
m
R
Rn
o
i
t
c
e
j
e
R
e
l
p
p
i
R)
4
,
3
s
e
t
o
N
(4
6B
d
∆V
T
U
O
/
∆T
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TI
T
U
O
A
m
0
1
=5
3C
°
/
m
p
p


Similar Part No. - TK71536SCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71536AS TOKO-TK71536AS Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71536ASCL TOKO-TK71536ASCL Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71536ASCL/36 TOKO-TK71536ASCL/36 Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71536SCL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com