Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P045F048T32AL Datasheet(PDF) 4 Page - Vicor Corporation

Part # P045F048T32AL
Description  PRM Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

P045F048T32AL Datasheet(HTML) 4 Page - Vicor Corporation

  P045F048T32AL Datasheet HTML 1Page - Vicor Corporation P045F048T32AL Datasheet HTML 2Page - Vicor Corporation P045F048T32AL Datasheet HTML 3Page - Vicor Corporation P045F048T32AL Datasheet HTML 4Page - Vicor Corporation P045F048T32AL Datasheet HTML 5Page - Vicor Corporation P045F048T32AL Datasheet HTML 6Page - Vicor Corporation P045F048T32AL Datasheet HTML 7Page - Vicor Corporation P045F048T32AL Datasheet HTML 8Page - Vicor Corporation P045F048T32AL Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P045F048T32AL
Rev. 2.1
Page 4 of 14
Parameter
Min
Typ
Max
Unit
Note
Output voltage range
26
48
55
Vdc
Factorized Bus voltage (Vf) set by ROS
Output power
0
320
W
Output current
0
6.67
Adc
DC current limit
7.0
8.0
8.8
Adc
IL pin floating
Average short circuit current
0.5
A
Auto recovery
Set point accuracy
1.5
%
Line regulation
0.3
0.5
%
Low line to high line
Load regulation
0.5
0.7
%
No CD resistor
Load regulation (at VTM output)
1.0
2.0
%
Adaptive Loop
Current share accuracy
5
10
%
See description Pg. 8
Efficiency
Full load
97.4
%
See Figure 6, 7 & 8
Output overvoltage set point
56
59.4
Vdc
Output ripple voltage
No external bypass
2.6
4.0
%
Factorized Bus, see Figure 13
With 10 µF capacitor
1.4
2.2
%
Factorized Bus, see Figure 14
Switching frequency
.93
1.00
1.08
MHz
Fixed frequency - across entire operating range
Output turn-on delay
From application of power
135
230
ms
See Figure 2
From PC pin high
100
µs
See Figure 3
Internal output capacitance
5
µF
Ceramic
Factorized Bus capacitance
47
µF
Output Specs (Conditions are at 45 Vin, 48 Vf, full load, and 25°C ambient unless otherwise specified)
Electrical Specifications (continued)
V•I Chip Pre-Regulator Module


Similar Part No. - P045F048T32AL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P045F048T32AL VICOR-P045F048T32AL Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
P045F048T32AL-CB VICOR-P045F048T32AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results

Similar Description - P045F048T32AL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRM48AF480T400A00 VICOR-PRM48AF480T400A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
1Mb / 44P
   PRM??Regulator
P024F048T12AL VICOR-P024F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PR048A480T024FP VICOR-PR048A480T024FP Datasheet
692Kb / 13P
   PRM??Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com