Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

420FS001M14 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 420FS001M14
Description  Sealtite/Liquidtite Conduit Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

420FS001M14 Datasheet(HTML) 1 Page - Glenair, Inc.

  420FS001M14 Datasheet HTML 1Page - Glenair, Inc. 420FS001M14 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 42 - Page 2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
420 F S 001 M 16 03-6
Product Series
Connector
Designator
Angle and Profile
A = 90°
B = 45°
S = Straight
Basic Part No.
Length: S only
(1/2 inch increments:
e.g. 6 = 3 inches)
Cable Entry (Table IV)
Shell Size (Table I)
Finish (Table II)
420-001
Sealtite™/Liquidtite Conduit Backshell
Rotatable Coupling - Low Profile
C Typ.
(Table I)
* Length ± .060 (1.52)
Minimum Order Length 2.5 Inch
(See Note 4)
STYLE 2
(STRAIGHT)
Length ± .060 (1.52)
Minimum Order Length 3.0 Inch
(See Note 4)
A Thread
(Table I)
Length *
Sealtite/Liquidtite
Conduit or Equivalent
(Customer Furnished)
N Wrench Flat
(Table IV)
K **
L **
M **
O-Ring
** (Table IV)
G
(Table III)
E
(Table III)
F (Table III)
H (Table III)
STYLE 2
(45° & 90°)
.88 (22.4)
Max


Similar Part No. - 420FS001M14

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
420FS002M08 GLENAIR-420FS002M08 Datasheet
66Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
420FS002M10 GLENAIR-420FS002M10 Datasheet
66Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
420FS002M12 GLENAIR-420FS002M12 Datasheet
66Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
420FS002M14 GLENAIR-420FS002M14 Datasheet
66Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
420FS002M16 GLENAIR-420FS002M16 Datasheet
66Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
More results

Similar Description - 420FS001M14

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
420AA002M08 GLENAIR-420AA002M08 Datasheet
66Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
M28840-516WA GLENAIR-M28840-516WA Datasheet
84Kb / 2P
   Metal Conduit Backshell
377HS041XB11 GLENAIR-377HS041XB11_09 Datasheet
314Kb / 2P
   Composite Fiber-Optic Conduit Backshell
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
   Conduit-to-Conduit Fitting
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
   Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
   Straight Conduit Fitting to PEEK Conduit
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
   Conduit Fitting
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
   Conduit Fitting
M24758-3-16-A GLENAIR-M24758-3-16-A Datasheet
80Kb / 1P
   Conduit Fitting
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
   Conduit Fitting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com