Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440FF001M24 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 440FF001M24
Description  EMI/RFI Crimp Ring Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440FF001M24 Datasheet(HTML) 1 Page - Glenair, Inc.

  440FF001M24 Datasheet HTML 1Page - Glenair, Inc. 440FF001M24 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 10
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 4
DIRECT COUPLING
B Typ.
(Table I)
A Thread
(Table I)
L*
M*
F (Table IV)
E
(Table IV)
G
(Table IV)
H (Table IV)
J
(Table III)
J
(Table III)
P*
R*
K*
N*
See inside back cover fold-out or pages
13 and 14 for Tables I and II.
1. For proper installation of crimp ring, use Thomas & Betts (or
equivalent) installation dies listed (Table V) for each dash no.
2. Metric dimensions (mm) are indicated in parentheses.
3. Dimensions shown are not intended for inspection criteria.
4. When using Connector Designator B refer to pages 18 and 19
for part number development.
440 F D 001 M 16 32
Product Series
Connector Designator
Angle and Profile
D = Split 90
F = Split 45
Cable Entry (Table V)
Shell Size (Table I)
Finish (Table II)
Basic Part No.
* (Table V)
Split 45°
Split 90°
440-001
EMI/RFI Crimp Ring Adapter
Direct Coupling - Split Shell
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
28/29
32/33
36
40
A-E-F
J-H-L-S
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
D-B-G-K
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.750 (44.5)
1.750 (44.5)
2.190 (55.6)
J Max - Conn. Designator
TABLE III: FRONT ADAPTER
C
1.735 (44.1)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)


Similar Part No. - 440FF001M24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440FF030M08 GLENAIR-440FF030M08 Datasheet
68Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440FF030M09 GLENAIR-440FF030M09 Datasheet
68Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440FF030M10 GLENAIR-440FF030M10 Datasheet
68Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440FF030M11 GLENAIR-440FF030M11 Datasheet
68Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440FF030M12 GLENAIR-440FF030M12 Datasheet
68Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
More results

Similar Description - 440FF001M24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AH063M08 GLENAIR-440AH063M08 Datasheet
77Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
440AC063M08 GLENAIR-440AC063M08 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
440AH001M08 GLENAIR-440AH001M08 Datasheet
60Kb / 2P
   EMI/RFI Crimp Ring Adapter Direct Coupling - Standard Profile
440AH086M08 GLENAIR-440AH086M08 Datasheet
105Kb / 2P
   EMI/RFI Tinel-Lock짰 Ring Adapter
440AH075NF08 GLENAIR-440AH075NF08_08 Datasheet
507Kb / 2P
   EMI/RFI Banding Adapter
440AH085M08 GLENAIR-440AH085M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
440AF084M08 GLENAIR-440AF084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440AH084M08 GLENAIR-440AH084M08 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
550T006M GLENAIR-550T006M Datasheet
90Kb / 2P
   EMI/RFI D-Subminiature Split Backshell Crimp Ring Shield Termination
630-030 GLENAIR-630-030 Datasheet
327Kb / 2P
   RFI/EMI/Environmental Banding Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com