Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048F040M20 Datasheet(PDF) 11 Page - Vicor Corporation

Part # B048F040M20
Description  BCM Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F040M20 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button B048F040M20 Datasheet HTML 4Page - Vicor Corporation B048F040M20 Datasheet HTML 5Page - Vicor Corporation B048F040M20 Datasheet HTML 6Page - Vicor Corporation B048F040M20 Datasheet HTML 7Page - Vicor Corporation B048F040M20 Datasheet HTML 8Page - Vicor Corporation B048F040M20 Datasheet HTML 9Page - Vicor Corporation B048F040M20 Datasheet HTML 10Page - Vicor Corporation B048F040M20 Datasheet HTML 11Page - Vicor Corporation B048F040M20 Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048F040T20
Rev. 2.5
Page 11 of 12
V•I Chip Bus Converter Module
LIN = 5 nH
+
+
VOUT
COUT
VIN
V
I
K
+
+
CIN
IOUT
RCOUT
IQ
ROUT
RCIN
1.9 µF
1.3 m
Ω
81 mA
1/12 • Iout
1/12 • Vin
0.96 mΩ
2.8 m
Ω
0.7 m
Ω
255 µF
Lout
1.1 nH
IQ
+
+
VOUT
VIN
VI
K
+
+
IOUT
ROUT
V•I Chip Bus Converter Level 1 DC Behavioral Model for 48 V to 4 V, 200 W
V•I Chip Bus Converter Level 2 Transient Behavioral Model for 48 V to 4 V, 200 W
Figure 21 — This model characterizes the DC operation of the V•I Chip bus converter, including the converter transfer function and its losses. The model enables
estimates or simulations of output voltage as a function of input voltage and output load, as well as total converter power dissipation or heat generation.
Figure 22 — This model characterizes the AC operation of the V•I Chip bus converter including response to output load or input voltage transients or steady state
modulations. The model enables estimates or simulations of input and output voltages under transient conditions, including response to a stepped load with or
without external filtering elements.
©
©
81 mA
1/12 • Iout
1/12 • Vin
2.8 m
Ω
0.23 nH
Application Note (continued)
IQ
+
+
VOUT
VIN
VI
K
+
+
IOUT
ROUT
Load
+
R2
2 k
Ω
D1
SW1
Enable/Disable Switch
Input reflected ripple
measurement point
-In
PC
RSV
TM
+In
-Out
+Out
-Out
+Out
BCM
K
Ro
Figure 20 — BCM test circuit
6A
Fuse
C1
47 µF
electrolytic
C3
47 µF
R3
10 m
Ω
Notes:
Source inductance should be no more than 200 nH. If source inductance is
greater than 200 nH, additional bypass capacitance may be required.
C3 should be placed close to the load.
R3 may be ESR of C3 or a separate damping resistor.
D1 power good indicator will dim when a module fault is detected.
F1


Similar Part No. - B048F040M20

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F040T20 VICOR-B048F040T20 Datasheet
452Kb / 2P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
572Kb / 2P
   Bus Converter Family
More results

Similar Description - B048F040M20

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com