Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048T060T24 Datasheet(PDF) 1 Page - Vicor Corporation

Part # B048T060T24
Description  BCM Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048T060T24 Datasheet(HTML) 1 Page - Vicor Corporation

  B048T060T24 Datasheet HTML 1Page - Vicor Corporation B048T060T24 Datasheet HTML 2Page - Vicor Corporation B048T060T24 Datasheet HTML 3Page - Vicor Corporation B048T060T24 Datasheet HTML 4Page - Vicor Corporation B048T060T24 Datasheet HTML 5Page - Vicor Corporation B048T060T24 Datasheet HTML 6Page - Vicor Corporation B048T060T24 Datasheet HTML 7Page - Vicor Corporation B048T060T24 Datasheet HTML 8Page - Vicor Corporation B048T060T24 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048F060T24
Rev. 2.6
Page 1 of 12
V•I
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60
Vdc
+In to -In
100
Vdc
For 100 ms
PC to -In
-0.3 to 7.0
Vdc
+Out to -Out
-0.5 to 12
Vdc
Isolation voltage
2,250
Vdc
Input to output
Output current
46.5
A
Continuous
Peak output current
60.0
A
For 1 ms
Output power
240
W
Continuous
Peak output power
360
W
For 1 ms
Case temperature
225
°C
During reflow MSL 5
Operating junction temperature
(1)
-40 to 125
°C
T-Grade
-55 to 125
°C
M-Grade
Storage temperature
-40 to 125
°C
T-Grade
-65 to 125
°C
M-Grade
• 48 V to 6 V V•I Chip
TM Converter
• 240 Watt (360 Watt for 1 ms)
• High density – 813 W/in3
• Small footprint – 210 W/in2
• Low weight – 0.5 oz (15 g)
• ZVS / ZCS isolated Sine
Amplitude Converter
• Typical efficiency 95%
• 125°C operation (TJ)
• <1 µs transient response
• 3.5 million hours MTBF
• No output filtering required
B048F060T24
Vin = 38 - 55 V
Vout = 4.75 - 6.87 V
Iout = 40 A
K = 1/8
Rout = 7.09 mΩ max
©
BCMTM
Bus Converter
Output Power
Designator
(=POUT/10)
B
048
F
060
T
24
Bus Converter
Module
Input Voltage
Designator
Product Grade Temperatures (°C)
Grade
Storage
Operating (TJ)
T
-40 to125
-40 to125
M
-65 to 125
-55 to 125
Configuration
F = J-lead
T = Through hole
Output Voltage
Designator
(=VOUT x10)
Note:
(1) The referenced junction is defined as the semiconductor having the highest temperature.
This temperature is monitored by a shutdown comparator.
Product Description
The V•I Chip Bus Converter Module is a high efficiency
(>95%), narrow input range Sine Amplitude Converter
(SAC) operating from a 38 to 55 Vdc primary bus to
deliver an isolated 4.75 V to 6.87 V secondary. The BCM
may be used to power non-isolated POL converters or as
an independent 4.75 – 6.87 V source. Due to the fast
response time and low noise of the BCM, the need for
limited life aluminum electrolytic or tantalum capacitors
at the load is reduced—or eliminated—resulting in
savings of board area, materials and total system cost.
The BCM achieves a power density of 813 W/in3 in a
V•I Chip package compatible with standard pick-and-
place and surface mount assembly process. The V•I Chip
package provides flexible thermal management through
its low junction-to-board and junction-to-case thermal
resistance. Owing to its high conversion efficiency and
safe operating temperature range, the BCM does not
require a discrete heat sink in typical applications. Low
junction-to-case and junction-to-lead thermal
impedances assure low junction temperatures and long
life in the harshest environments.
B048F060M24
Absolute Maximum Ratings
Part Numbering


Similar Part No. - B048T060T24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048T060M24A VICOR-B048T060M24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
More results

Similar Description - B048T060T24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com