Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

390HW052XW12 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 390HW052XW12
Description  Composite Cone and Ring Style EMI/RFI Environmental Shield Termination Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

390HW052XW12 Datasheet(HTML) 1 Page - Glenair, Inc.

  390HW052XW12 Datasheet HTML 1Page - Glenair, Inc. 390HW052XW12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-62
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
390-052
Composite Cone and Ring Style
EMI/RFI Environmental Shield Termination Backshell
with Self-Locking Rotatable Coupling and Strain Relief
E
± .06
(1.5)
.69 (17.5)
.75 (19.1)
.81 (20.6)
.88 (22.4)
.94 (23.9)
.97 (24.6)
1.06 (26.9)
1.13 (28.7)
1.19 (30.2)
1.34 (34.0)
F
± .09
(2.3)
.88 (22.4)
1.00 (25.4)
1.13 (28.7)
1.31 (33.3)
1.38 (35.1)
1.44 (36.6)
1.63 (41.4)
1.75 (44.5)
1.88 (47.8)
2.13 (54.1)
G
± .09
(2.3)
1.06 (26.9)
1.13 (28.7)
1.19 (30.2)
1.25 (31.8)
1.31 (33.3)
1.34 (34.0)
1.44 (36.6)
1.50 (38.1)
1.56 (39.6)
1.66 (42.2)
Max Entry
Dash No.**
10
12
14
16
20
20
22
24
28
32
TABLE II: CONNECTOR SHELL SIZE
Shell Size For
Connector Designator
A
08
10
12
14
16
18
20
22
24
28
F/L
08
10
12
14
16
18
20
22
24
H
09
11
13
15
17
19
21
23
25
G
11
13
15
17
19
23
25
U
08
10
12
14
16
18
20
22
24
Cable
Range
J
F
G
E
Nut
.75 (19.1)
Max
Finish Symbol
(See Table III)
Connector Designator
A, F, L, H, G and U
Product Series
390 - EMI/RFI Environmental
Backshells with Strain Relief
390 H S 052 XM 19 20 C
Angle and Profile
S - Straight
W - 90° Elbow
T - 45° Elbow
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table IV)
Strain Relief
Style
C - Clamp
N - Nut
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion
Resistant Electroless
Nickel
XMT
2000 Hour Corrosion
Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer.
1000 Hour GreyTM
XW
2000 Hour Corrosion
Resistant Cadmium/Olive
Drab over Electroless
Nickel
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
G MIL-DTL-28840
U DG123 and DG123A
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE
1.25
(31.8)
H
Clamp
1.25
(31.8)
Max.
Cable
Range
Anti-Decoupling Device


Similar Part No. - 390HW052XW12

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
390 PRODUCTWELL-390 Datasheet
178Kb / 4P
   SHIELDED SMT POWER INDUCTORS
logo
Intel Corporation
390 INTEL-390 Datasheet
879Kb / 68P
   Celeron M Processor on 90 nm Process
logo
Oscilent Corporation
390 OSCILENT-390 Datasheet
132Kb / 2P
   PECL Output
logo
Energizer
390 ENERGIZER-390 Datasheet
532Kb / 1P
   Silver Oxide Batteries
logo
3M Electronics
390 3M-390 Datasheet
572Kb / 5P
   3M??Scotch짰 Polyethylene Coated Cloth Tape
More results

Similar Description - 390HW052XW12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
311AS063XM08 GLENAIR-311AS063XM08 Datasheet
288Kb / 2P
   Composite Lamp Base Thread EMI/RFI Environmental Shield Termination Backshell
387HS083XM09 GLENAIR-387HS083XM09 Datasheet
313Kb / 2P
   Composite Multi-Shield Cone and Ring Style
311AS034 GLENAIR-311AS034 Datasheet
301Kb / 1P
   Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
380AS100XM08 GLENAIR-380AS100XM08 Datasheet
315Kb / 2P
   Composite Cone and Ring Style
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
550T006M GLENAIR-550T006M Datasheet
90Kb / 2P
   EMI/RFI D-Subminiature Split Backshell Crimp Ring Shield Termination
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
M85049-1809N01A GLENAIR-M85049-1809N01A Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
   ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Glenair, Inc.
M28840-916WA GLENAIR-M28840-916WA Datasheet
85Kb / 2P
   EMI/RFI Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com