Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC3097-6 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3097-6
Description  Off-Line PC Mount Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3097-6 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3097-6 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Off-Line PC Mount Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPC3097-X
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
Power
Rating
(VA)
Secondary Voltage
Secondary Current (A-Rms)
Part
Number
EPC3097-1
EPC3097-2
EPC3097-3
EPC3097-4
EPC3097-5
EPC3097-6
EPC3097-7
EPC3097-8
EPC3097-9
EPC3097-10
Parallel
Connection
5.0
6.3
8.0
10
12
14
18
24
28
60
Parallel
Connection
Series
Connection
Series
Connection
10
12.6
16
20
24
28
36
48
56
120
115
115
115
115
115
115
115
115
115
115
230
230
230
230
230
230
230
230
230
230
Package
1.180
(30.10)
.350
(8.90)
.250
(6.35)
.280
(7.11)
1.620
(41.30)
1.310
(33.30)
.850
(21.59)
1.280
(32.50)
.041(1.04)
Schematic
Primary Voltage
Parallel
Connection
Series
Connection
Clearance
Hole
14
56
78
23
2
1
7
6
5
Pri.
Sec.
8
4
3
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
1.20
1.00
0.80
0.60
0.50
0.40
0.34
0.25
0.22
0.10
0.60
0.50
0.40
0.30
0.25
0.20
0.17
0.125
0.11
0.05
Note :
1. Optional Mounting Screws and Nut : 4-40 x 1.37 Nylon (4-40 x 34.9 mm)
CSC3097-X
Rev. -
7/11/02
• Split Bobbin Construction
• Dual Primaries : 115 V / 230 V
• UL 94V-0 Recognized Components
• UL 1446 Class B Insulation System
• Meets or exceeds CSA/TUV/VDE Specifications
for Creepage, Clearance and Dielectric Strength
• Switching Frequency : 50 Hz - 500 Hz • Isolation : 2500 Vrms •


Similar Part No. - EPC3097-6

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3090-1 PCA-EPC3090-1 Datasheet
35Kb / 1P
   Off-Line PC Mount Transformer
EPC3090-10 PCA-EPC3090-10 Datasheet
35Kb / 1P
   Off-Line PC Mount Transformer
EPC3090-2 PCA-EPC3090-2 Datasheet
35Kb / 1P
   Off-Line PC Mount Transformer
EPC3090-3 PCA-EPC3090-3 Datasheet
35Kb / 1P
   Off-Line PC Mount Transformer
EPC3090-4 PCA-EPC3090-4 Datasheet
35Kb / 1P
   Off-Line PC Mount Transformer
More results

Similar Description - EPC3097-6

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3078-1 PCA-EPC3078-1 Datasheet
38Kb / 1P
   Off-Line PC Mount Transformer
EPC3093-1 PCA-EPC3093-1 Datasheet
35Kb / 1P
   Off-Line PC Mount Transformer
EPC3094-1 PCA-EPC3094-1 Datasheet
36Kb / 1P
   Off-Line PC Mount Transformer
EPC3099-1 PCA-EPC3099-1 Datasheet
36Kb / 1P
   Off-Line PC Mount Transformer
EPC3081-1 PCA-EPC3081-1 Datasheet
37Kb / 1P
   Off-Line PC Mount Transformer
EPC3089-1 PCA-EPC3089-1 Datasheet
36Kb / 1P
   Off-Line PC Mount Transformer
EPC3092-1 PCA-EPC3092-1 Datasheet
35Kb / 1P
   Off-Line PC Mount Transformer
EPC3100-1 PCA-EPC3100-1 Datasheet
36Kb / 1P
   Off-Line PC Mount Transformer
EPC3090-1 PCA-EPC3090-1 Datasheet
35Kb / 1P
   Off-Line PC Mount Transformer
EPC3095-1 PCA-EPC3095-1 Datasheet
36Kb / 1P
   Off-Line PC Mount Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com