Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F160M015 Datasheet(PDF) 2 Page - Vicor Corporation

Part # V048F160M015
Description  VTM Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F160M015 Datasheet(HTML) 2 Page - Vicor Corporation

  V048F160M015 Datasheet HTML 1Page - Vicor Corporation V048F160M015 Datasheet HTML 2Page - Vicor Corporation V048F160M015 Datasheet HTML 3Page - Vicor Corporation V048F160M015 Datasheet HTML 4Page - Vicor Corporation V048F160M015 Datasheet HTML 5Page - Vicor Corporation V048F160M015 Datasheet HTML 6Page - Vicor Corporation V048F160M015 Datasheet HTML 7Page - Vicor Corporation V048F160M015 Datasheet HTML 8Page - Vicor Corporation V048F160M015 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
vicorpower.com
800-735-6200
VTM™ Current Multiplier
V048F160T015
Rev. 3.0
Page 2 of 11
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
26
48
55
Vdc
Max Vin = 53 V, operating from -55°C to -40°C
Input dV/dt
1
V/µs
Input overvoltage turn on
55.0
Vdc
Input overvoltage turn off
60.0
Vdc
Input current
5.4
Adc
Input reflected ripple current
138
mA p-p
Using test circuit in Figure 15; See Figure 1
No load power dissipation
4.9
6.5
W
Internal input capacitance
4.0
µF
Internal input inductance
5
nH
Input Specs (Conditions are at 48 VIN, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
Output voltage
8.67
18.3
Vdc
No load
8.07
17.8
Vdc
Full load
Rated DC current
0
15
Adc
26 - 55 VIN
Peak repetitive current
22.5
A
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Short circuit protection set point
15.3
Adc
Module will shut down
Current share accuracy
5
10
%
See Parallel Operation on Page 9
Efficiency
Half load
94.3
94.9
%
See Figure 3
Full load
94.7
95.5
%
See Figure 3
Internal output inductance
1.6
nH
Internal output capacitance
25.4
µF
Effective value
Output overvoltage set point
18.3
Vdc
Module will shut down
Output ripple voltage
No external bypass
153
300
mVp-p
See Figures 2 and 5
10 µF bypass capacitor
13.4
mVp-p
See Figure 6
Effective switching frequency
3.3
3.6
3.7
MHz
Fixed, 1.8 MHz per phase
Line regulation
K
0.3300
1/3
0.3367
VOUT = K•VIN at no load
Load regulation
ROUT
29.7
40
See Figure 16
Transient response
Voltage overshoot
250
mV
15 A load step with 100 µF CIN; See Figures 7 and 8
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specs (Conditions are at 48 VIN, full load, and 25°C ambient unless otherwise specified)
Specifications


Similar Part No. - V048F160M015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F160M015 VICOR-V048F160M015 Datasheet
482Kb / 15P
   VI Chip - VTM Voltage Transformation Module
logo
Powerbox
V048F160M015 POWERBOX-V048F160M015 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
logo
Vicor Corporation
V048F160M015 VICOR-V048F160M015 Datasheet
1Mb / 11P
   VTM?줓urrent Multiplier
More results

Similar Description - V048F160M015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com