Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

390SB057M32 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 390SB057M32
Description  Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

390SB057M32 Datasheet(HTML) 1 Page - Glenair, Inc.

  390SB057M32 Datasheet HTML 1Page - Glenair, Inc. 390SB057M32 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 39 - Page 52
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
E
(Table
IV)
F (Table IV)
J
(Table III)
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 5
DIRECT COUPLING
TYPE E INDIVIDUAL
AND/OR OVERALL
SHIELD TERMINATION
J
(Table III)
G
(Table IV)
H
(Table IV)
390 F S 057 M 16 10 D M 6
Product Series
Connector Designator
Angle and Profile
A = 90
B = 45
S = Straight
Basic Part No.
Finish (Table II)
Length: S only
(1/2 inch increments:
e.g. 6 = 3 inches)
Strain Relief Style (H, A, M, D)
Termination (Note 3)
D = 2 Rings, T = 3 Rings
Cable Entry (Tables X, XI)
Shell Size (Table I)
B (Table I)
A Thread
(Table I)
* Length
± .060 (1.52)
Minimum Order
Length 1.5 Inch
(See Note 4)
Length *
O-Rings
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order Length 2.0 Inch
(See Note 4)
Cable
Range
STYLE H
Heavy Duty
(Table X)
STYLE A
Medium Duty
(Table XI)
STYLE D
Medium Duty
(Table XI)
STYLE M
Medium Duty
(Table XI)
W
V
Y
Y
Cable
Range
X
Cable
Range
.135 (3.4)
Max
Z
T
Cable
Entry
1.281
(32.5)
Ref. Typ.
B
(Table I)
B
(Table I)
390-057
Submersible EMI/RFI Cable Sealing Backshell
with Strain Relief
Type E - Direct Coupling - Low Profile


Similar Part No. - 390SB057M32

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390SB053M08 GLENAIR-390SB053M08 Datasheet
215Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390SB053M10 GLENAIR-390SB053M10 Datasheet
215Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390SB053M12 GLENAIR-390SB053M12 Datasheet
215Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390SB053M14 GLENAIR-390SB053M14 Datasheet
215Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390SB053M16 GLENAIR-390SB053M16 Datasheet
215Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results

Similar Description - 390SB057M32

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390AM056M08 GLENAIR-390AM056M08 Datasheet
86Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA035M08 GLENAIR-390AA035M08 Datasheet
60Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM053M08 GLENAIR-390AM053M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AH053M08 GLENAIR-390AH053M08 Datasheet
83Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AH055M08 GLENAIR-390AH055M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA006M08 GLENAIR-390AA006M08 Datasheet
104Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA007M08 GLENAIR-390AA007M08 Datasheet
114Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM058M08 GLENAIR-390AM058M08 Datasheet
72Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA009M08 GLENAIR-390AA009M08 Datasheet
65Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA010M08 GLENAIR-390AA010M08 Datasheet
64Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com