Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

390FH059M32 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 390FH059M32
Description  Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

390FH059M32 Datasheet(HTML) 2 Page - Glenair, Inc.

  390FH059M32 Datasheet HTML 1Page - Glenair, Inc. 390FH059M32 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 39 - Page 45
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Cable Range
L
Max
.593 (15.1)
.718 (18.2)
.843 (21.4)
.968 (24.6)
1.109 (28.2)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
See inside back cover
fold-out or pages 13 and
14 for Tables I and II.
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied.
Dimensions F, G, H and J will not apply. Please consult factory.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodations range for the wire bundle or
cable. Dimensions shown are not intended for inspection criteria.
4. Consult factory for shorter lengths on straight backshells.
5. Interface O-Ring not supplied with Connector Designator A.
Dash
No.
01
02
03
04
05
06
07
08
09
10
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
K
Max
.781 (19.8)
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
1.843 (46.8)
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
TABLE IV: CABLE ENTRY
TABLE III: ELBOW DIMENSIONS
A-F-L-S
08
10
12
14
16
18
20
22
24
28
32
36
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
J
Max
2.080 (52.8)
2.120 (53.8)
2.090 (53.1)
2.090 (53.1)
2.130 (54.1)
2.250 (57.2)
2.180 (55.4)
2.240 (56.9)
2.170 (55.1)
2.320 (58.9)
2.570 (65.3)
2.800 (71.1)
G
Max
2.210 (56.1)
2.270 (57.7)
2.330 (59.2)
2.420 (61.5)
2.530 (64.3)
2.720 (69.1)
2.720 (69.1)
2.870 (72.9)
2.870 (72.9)
3.020 (76.7)
3.270 (83.1)
3.500 (88.9)
F
Max
.795 (20.2)
.820 (20.8)
.844 (21.4)
.861 (21.9)
.888 (22.6)
.904 (23.0)
.929 (23.6)
.956 (24.3)
.979 (24.9)
1.197 (30.4)
1.280 (32.5)
1.294 (32.9)
H
Max
.906 (23.0)
.966 (24.5)
1.026 (26.1)
1.076 (27.3)
1.136 (28.9)
1.176 (29.9)
1.236 (31.4)
1.296 (32.9)
1.356 (34.4)
1.636 (41.6)
1.780 (45.2)
1.876 (47.7)
390-059
Splash-Proof EMI/RFI Cable Sealing Backshell
Light-Duty with Strain Relief
Type C - Self-Locking Rotatable Coupling - Standard Profile


Similar Part No. - 390FH059M32

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390FH053M08 GLENAIR-390FH053M08 Datasheet
83Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390FH053M10 GLENAIR-390FH053M10 Datasheet
83Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390FH053M12 GLENAIR-390FH053M12 Datasheet
83Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390FH053M14 GLENAIR-390FH053M14 Datasheet
83Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390FH053M16 GLENAIR-390FH053M16 Datasheet
83Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results

Similar Description - 390FH059M32

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390AA011M08 GLENAIR-390AA011M08 Datasheet
87Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390AK011M08 GLENAIR-390AK011M08 Datasheet
77Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390AA012M08 GLENAIR-390AA012M08 Datasheet
58Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390AM056M08 GLENAIR-390AM056M08 Datasheet
86Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA057M08 GLENAIR-390AA057M08 Datasheet
65Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA035M08 GLENAIR-390AA035M08 Datasheet
60Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM053M08 GLENAIR-390AM053M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AH053M08 GLENAIR-390AH053M08 Datasheet
83Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AH055M08 GLENAIR-390AH055M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA001M08 GLENAIR-390AA001M08 Datasheet
146Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com