Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048T160M24 Datasheet(PDF) 10 Page - Vicor Corporation

Part # B048T160M24
Description  BCM Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048T160M24 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button B048T160M24 Datasheet HTML 4Page - Vicor Corporation B048T160M24 Datasheet HTML 5Page - Vicor Corporation B048T160M24 Datasheet HTML 6Page - Vicor Corporation B048T160M24 Datasheet HTML 7Page - Vicor Corporation B048T160M24 Datasheet HTML 8Page - Vicor Corporation B048T160M24 Datasheet HTML 9Page - Vicor Corporation B048T160M24 Datasheet HTML 10Page - Vicor Corporation B048T160M24 Datasheet HTML 11Page - Vicor Corporation B048T160M24 Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048F160T24
Rev. 2.5
Page 10 of 12
V•I Chip Bus Converter Module
Parallel Operation
The BCM will inherently current share when operated in an array. Arrays
may be used for higher power or redundancy in an application.
Current sharing accuracy is maximized when the source and load
impedance presented to each BCM within an array are equal. The
recommended method to achieve matched impedances is to dedicate
common copper planes within the PCB to deliver and return the current
to the array, rather than rely upon traces of varying lengths. In typical
applications the current being delivered to the load is larger than that
sourced from the input, allowing traces to be utilized on the input side
if necessary. The use of dedicated power planes is, however, preferable.
The BCM power train and control architecture allow bi-directional
power transfer, including reverse power processing from the BCM
output to its input. Reverse power transfer is enabled if the BCM input
is within its operating range and the BCM is otherwise enabled. The
BCM’s ability to process power in reverse improves the BCM transient
response to an output load dump.
Input Impedance Recommendations
To take full advantage of the BCM capabilities, the impedance
presented to its input terminals must be low from DC to approximately
5 MHz. The source should exhibit low inductance (less than 100 nH)
and should have a critically damped response. If the interconnect
inductance exceeds 100 nH, the BCM input pins should be bypassed
with an RC damper (e.g., 47 µF in series with 0.3 ohm) to retain low
source impedance and stable operations. Given the wide bandwidth of
the BCM, the source response is generally the limiting factor in the
overall system response.
Anomalies in the response of the source will appear at the output of
the BCM multiplied by its K factor. The DC resistance of the source
should be kept as low as possible to minimize voltage deviations. This is
especially important if the BCM is operated near low or high line as the
over/under voltage detection circuitry could be activated.
Input Fuse Recommendations
V•I Chips are not internally fused in order to provide flexibility in
configuring power systems. However, input line fusing of V•I Chips
must always be incorporated within the power system. A fast acting
fuse should be placed in series with the +In port.
Application Notes
For BCM and V•I Chip application notes on soldering, thermal
management, board layout, and system design click on the link below:
http://www.vicorpower.com/technical_library/application_information/chips/
Application Note


Similar Part No. - B048T160M24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048T160M24A VICOR-B048T160M24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
More results

Similar Description - B048T160M24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com