Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B352F110T30 Datasheet(PDF) 3 Page - Vicor Corporation

Part # B352F110T30
Description  BCM Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B352F110T30 Datasheet(HTML) 3 Page - Vicor Corporation

  B352F110T30 Datasheet HTML 1Page - Vicor Corporation B352F110T30 Datasheet HTML 2Page - Vicor Corporation B352F110T30 Datasheet HTML 3Page - Vicor Corporation B352F110T30 Datasheet HTML 4Page - Vicor Corporation B352F110T30 Datasheet HTML 5Page - Vicor Corporation B352F110T30 Datasheet HTML 6Page - Vicor Corporation B352F110T30 Datasheet HTML 7Page - Vicor Corporation B352F110T30 Datasheet HTML 8Page - Vicor Corporation B352F110T30 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B352F110T30
Rev. 2.2
Page 3 of 12
V•I Chip Bus Converter Module
Specifications (continued)
Parameter
Min
Typ
Max
Unit
Note
Output voltage
10.3
11.4
Vdc
No load
9.91
11.0
Vdc
Full load
Output power
0
300
W
330 - 365 VIN
Rated DC current
0
30.4
Adc
POUT≤300 W
Peak repetitive power
450
W
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Current share accuracy
5
10
%
See Parallel Operation on Page 11
Efficiency
Half load
93.5
95.8
%
See Figure 5
Full load
94.3
95.5
%
See Figure 5
Internal output inductance
1.1
nH
Internal output capacitance
31
µF
Effective value
Load capacitance
1,200
µF
Output overvoltage setpoint
11.4
Vdc
Output ripple voltage
No external bypass
200
400
mV p-p
See Figures 7 and 9
10 µF bypass capacitor
13
mV p-p
See Figure 8
Short circuit protection set point
38.0
Adc
Module will shut down
Average short circuit current
0.18
A
Effective switching frequency
3.3
3.4
3.5
MHz
Fixed, 1.7 MHz per phase
Line regulation
K
0.0309
1/32
0.0316
VOUT = K•VIN at no load
Load regulation
ROUT
12.2
15.0
mΩ
Transient response
Voltage overshoot
115
mV
100% load step; See Figures 10 and 11
Response time
200
ns
See Figures 10 and 11
Recovery time
1
µs
See Figures 10 and 11
Output overshoot
Input turn-on
0
mV
No output filter; See Figure 3
PC enable
0
mV
No output filter; See Figure 2
Output turn-on delay
From application of power
750
ms
No output filter; See Figure 3
From release of PC pin
160
ms
No output filter
Output (Conditions are at 352 Vin, full load, and 25°C ambient unless otherwise specified)
Efficiency vs. Output Power
82
84
86
88
90
92
94
96
98
0
30
60
90
120
150
180
210
240
270
300
Output Power (W)
Figure 5 — Efficiency vs. output power at 352 Vin
Power Dissipation
2
4
6
8
10
12
14
16
0
30
60
90
120
150
180
210
240
270
300
Output Power (W)
Figure 6 — Power dissipation as a function of output power
Output Waveforms


Similar Part No. - B352F110T30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B352F110T24 VICOR-B352F110T24 Datasheet
394Kb / 13P
   VI Chip - BCM Bus Converter Module
B352F110T24 VICOR-B352F110T24 Datasheet
1Mb / 12P
   BCM Bus Converter
B352F110T24 VICOR-B352F110T24 Datasheet
481Kb / 2P
   HV Bus Converter Family
B352F110T24 VICOR-B352F110T24_1 Datasheet
1Mb / 12P
   BCM Bus Converter
B352F110T24 VICOR-B352F110T24_2 Datasheet
481Kb / 2P
   HV Bus Converter Family
More results

Similar Description - B352F110T30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com