Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIB0001TFJ Datasheet(PDF) 5 Page - Vicor Corporation

Part # VIB0001TFJ
Description  BCM Bus Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIB0001TFJ Datasheet(HTML) 5 Page - Vicor Corporation

  VIB0001TFJ Datasheet HTML 1Page - Vicor Corporation VIB0001TFJ Datasheet HTML 2Page - Vicor Corporation VIB0001TFJ Datasheet HTML 3Page - Vicor Corporation VIB0001TFJ Datasheet HTML 4Page - Vicor Corporation VIB0001TFJ Datasheet HTML 5Page - Vicor Corporation VIB0001TFJ Datasheet HTML 6Page - Vicor Corporation VIB0001TFJ Datasheet HTML 7Page - Vicor Corporation VIB0001TFJ Datasheet HTML 8Page - Vicor Corporation VIB0001TFJ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
VIB0001TFJ
Rev. 1.2
Page 5 of 11
V•I Chip Bus Converter Module
Parameter
Min
Typ
Max
Unit
Note
Primary control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
Current limit
2.4
2.5
2.9
mA
Source only
Enable delay time
37
µs
Disable delay time
16
µs
See Figure 12, time from PC low to output low
Auxiliary Pins (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Figure 12 — VOUT at full load vs. PC disable
Figure 13 — PC signal during over current fault
Specifications (continued)
Parameter
Min
Typ
Max
Unit
Note
MTBF
MIL-HDBK-217F
3.5
Mhrs
25°C, GB
Isolation specifications
Voltage
4,242
Vdc
Input to Output
Capacitance
500
pF
Input to Output
Resistance
10
Input to Output
Agency approvals
cTÜVus
UL /CSA 60950-1, EN 60950-1
CE Mark
Low Voltage Directive
RoHS
Mechanical
See Mechanical Drawings, Figures 15 & 16
Weight
0.53/15
oz /g
Dimensions
Length
1.28 / 32,5
in / mm
Width
0.87 / 22
in / mm
Height
0.265 / 6,73
in / mm
Thermal
Over temperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
9.3
Ws /°C
Junction-to-case thermal impedance (RθJC)1.1
°C/ W
Junction-to-board thermal impedance (RθJB)2.1
°C/ W
General


Similar Part No. - VIB0001TFJ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIB0001TFJ VICOR-VIB0001TFJ Datasheet
481Kb / 2P
   HV Bus Converter Family
More results

Similar Description - VIB0001TFJ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com