Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11324BMCB Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK11324BMCB
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11324BMCB Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK11324BMCB Datasheet HTML 6Page - TOKO, Inc TK11324BMCB Datasheet HTML 7Page - TOKO, Inc TK11324BMCB Datasheet HTML 8Page - TOKO, Inc TK11324BMCB Datasheet HTML 9Page - TOKO, Inc TK11324BMCB Datasheet HTML 10Page - TOKO, Inc TK11324BMCB Datasheet HTML 11Page - TOKO, Inc TK11324BMCB Datasheet HTML 12Page - TOKO, Inc TK11324BMCB Datasheet HTML 13Page - TOKO, Inc TK11324BMCB Datasheet HTML 14Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TK113xxBM/U
Page 10
April 2000 TOKO, Inc.
Reverse Voltage Protection
Reverse voltage protection prevents damage due to the
output voltage being higher than the input voltage. This
fault condition can occur when the output capacitor remains
charged and the input is reduced to zero, or when an
external voltage higher than the input voltage is applied to
the output side.
CONTROL CURRENT
DEFINITION AND EXPLANATION OF TECHNICAL TERMS (CONT.)
CN
VIN
SW
RC
SOT23L
CN
VIN
SW
RC
SOT89
CONTROL PIN CURRENT VS.
VOLTAGE
0
123
VCONT (V)
0
10
20
30
40
50
45
VOUT
RCONT = 0
RCONT =100K
Note: V
CONT = differential voltage from VIN pin to VCONT pin.
If the control function is not used, connect the control
terminal to V
IN. When the control function is used, the
control current can be reduced by inserting a series
resistor (R
CONT) between the control terminal and VIN. The
value of this resistor should be determined from the graph
below.
The requirement for the pullup resistor (R
PULLUP) is deter-
mined by the external control circuitry. For example, open
collector/open drain logic may require R
PULLUP over tem-
perature; CMOS logic will not require R
PULLUP.


Similar Part No. - TK11324BMCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11324BMCB TOKO-TK11324BMCB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11324BMCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com