Electronic Components Datasheet Search |
|
V24C12C100BS2 Datasheet(PDF) 1 Page - Vicor Corporation |
|
V24C12C100BS2 Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 24V Micro Family Rev. 4.7 Page 1 of 13 Set your site on VICOR at vicorpower.com Absolute Maximum Ratings Data Sheet 24V Input Micro Family DC-DC Converter Module Features • RoHS Compliant (with F or G pin option) • DC input range: 18 - 36 V • Operation to 16 V at 75% power after startup • Input surge withstand: 50 V for 100 ms • DC output: 3.3 – 48 V • Programmable output: 10 to 110% • Regulation: ±0.4% no load to full load • Efficiency: Up to 89% • Maximum operating temp: 100°C, full load • Power density: up to 60 W per cubic inch • Height above board: 0.43 in. (10,9 mm) • Parallelable, with N+M fault tolerance • Low noise ZCS/ZVS architecture • Isolated output Product Overview These DC-DC converter modules use advanced power processing, control and packaging technologies to provide the performance, flexibility, reliability and cost effectiveness of a mature power component. High frequency ZCS/ZVS switching provides high power density with low noise and high efficiency. Applications Industrial and process control, distributed power, medical, ATE, communications, defense, aerospace Parameter Rating Unit Notes +In to -In voltage -0.5 to +53 Vdc PC to -In voltage -0.5 to +7.0 Vdc PR to -In voltage -0.5 to +7.0 Vdc SC to -Out voltage -0.5 to +1.5 Vdc Isolation voltage in to out 3000 Vrms Test voltage in to base 1500 Vrms Test voltage out to base 500 Vrms Test voltage Operating Temperature -55 to +100 °C M-Grade Storage Temperature -65 to +125 °C M-Grade Pin soldering temperature 500 (260) °F (°C) <5 sec; wave solder 750 (390) °F (°C) <7 sec; hand solder Mounting torque 5 (0.57) in-lbs (N-m) 6 each Output Voltage 3 V 3 =3.3 V 5 =5 V 8 =8 V 12 = 12 V 15 = 15 V 24 = 24 V 28 = 28 V 36 = 36 V 48 = 48 V Product Grade Temperatures (°C) Grade Operating Storage E = - 10 to +100 - 20 to +125 C = - 20 to +100 - 40 to +125 T = - 40 to +100 - 40 to +125 H = - 40 to +100 - 55 to +125 M = - 55 to +100 - 65 to +125 Output Power Vout Pout 3.3 V 75 W, 50 W 5 V 100 W, 50 W 8 V 100 W 12 V 100 W, 50 W 15 V 100 W, 50 W 24 V 100 W, 50 W 28 V 100 W, 50 W 36 V 100 W, 50 W 48 V 100 W, 50 W Pin Style Blank: Short Tin/Lead L: Long Tin/Lead S: Short ModuMate N: Long ModuMate F: Short RoHS G: Long RoHS Baseplate Blank: Slotted 2: Threaded 3: Through-hole For a description of pin options, see page 11. Baseplate options include slotted flanges, threaded and through-hole. See page 12 for dimensions. For other package sizes and power levels, see the Mini (half size) and Maxi (full size) datasheets. Part Numbering e.g. V24C12T100BL2 V24C B Shown actual size: 2.28 x 1.45 x 0.5 in 57,9 x 36,8 x 12,7 mm |
Similar Part No. - V24C12C100BS2 |
|
Similar Description - V24C12C100BS2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |