Electronic Components Datasheet Search |
|
V72C15M150BL Datasheet(PDF) 5 Page - Vicor Corporation |
|
V72C15M150BL Datasheet(HTML) 5 Page - Vicor Corporation |
5 / 11 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 72V Micro Family Rev. 1.8 Page 5 of 11 Set your site on VICOR at vicorpower.com MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) Parameter Min Typ Max Unit Notes Efficiency 83.5 84.9 % Nominal input; full load; 25°C Ripple and noise 116 145 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 6 7 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 6.25 Amps Current limit 6.37 7.19 8.44 Amps Output voltage 95% of nominal Short circuit current 4.37 7.19 8.98 Amps Output voltage <250 mV 24 Vout, 150 W (e.g. V72C24C150BL) Parameter Min Typ Max Unit Notes Efficiency 85.3 86.2 % Nominal input; full load; 25°C Ripple and noise 105 132 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 5.3 6.2 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 5.36 Amps Current limit 5.46 6.16 7.24 Amps Output voltage 95% of nominal Short circuit current 3.75 6.16 7.24 Amps Output voltage <250 mV 28 Vout, 150 W (e.g. V72C28C150BL) Parameter Min Typ Max Unit Notes Efficiency 85.2 86.9 % Nominal input; full load; 25°C Ripple and noise 72 90 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 5 5.6 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 4.17 Amps Current limit 4.25 4.8 5.63 Amps Output voltage 95% of nominal Short circuit current 2.91 4.8 5.63 Amps Output voltage <250 mV 36 Vout, 150 W (e.g. V72C36C150BL) Parameter Min Typ Max Unit Notes Efficiency 84.2 85.3 % Nominal input; full load; 25°C Ripple and noise 70 88 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 53.7 55.7 57.7 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 6.0 6.8 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 3.13 Amps Current limit 3.19 3.6 4.23 Amps Output voltage 95% of nominal Short circuit current 2.19 3.6 4.23 Amps Output voltage <250 mV 48 Vout, 150 W (e.g. V72C48C150BL) |
Similar Part No. - V72C15M150BL |
|
Similar Description - V72C15M150BL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |