Electronic Components Datasheet Search |
|
V72B12M250BL Datasheet(PDF) 1 Page - Vicor Corporation |
|
V72B12M250BL Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 11 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 72V Mini Family Rev. 1.7 Page 1 of 11 Set your site on VICOR at vicorpower.com Data Sheet 72V Input Mini Family DC-DC Converter Module Features • DC input range: 43 – 110 V (continuous) • Encapsulated circuitry for shock and vibration resistance • Extended temperature range (–55 to +100°C) • Input surge withstand: 150 V for 100 ms • DC output: 3.3 – 48 V • Programmable output: 10 to 110% • Regulation: ±0.2% no load to full load • Efficiency: Up to 88% • Maximum operating temp: 100°C, full load • Power density: up to 100 W per cubic inch • Height above board: 0.43 in. (10,9 mm) • Parallelable, with N+M fault tolerance • Low noise ZCS/ZVS architecture • RoHS Compliant (with F or G pin option) • Agency approvals pending Product Overview These DC-DC converter modules use advanced power processing, control and packaging technologies to provide the performance, flexibility, reliability and cost effectiveness of a mature power component. High frequency ZCS/ZVS switching provides high power density with low noise and high efficiency. Applications Railway/Transportation system applications including communications systems, information display, lighting, control systems, ticket machines, passenger entertainment, public address systems, door control, industrial power systems and power generation systems. Output Voltage 3V3 =3.3 V 5 =5 V 8 =8 V 12 = 12 V 15 = 15 V 24 = 24 V 28 = 28 V 36 = 36 V 48 = 48 V Product Grade Temperatures (°C) Grade Operating Storage E = - 10 to +100 - 20 to +125 C = - 20 to +100 - 40 to +125 T = - 40 to +100 - 40 to +125 H = - 40 to +100 - 55 to +125 M = - 55 to +100 - 65 to +125 Output Power Vout Pout 3.3 V 100 W 5 V 150 W 8 V 150 W 12 V 250 W 15 V 250 W 24 V 250 W 28 V 250 W 36 V 250 W 48 V 250 W Pin Style Blank: Short Tin/Lead L: Long Tin/Lead S: Short ModuMate N: Long ModuMate F: Short RoHS G: Long RoHS Baseplate Blank: Slotted 2: Threaded 3: Through-hole For a description of pin options, see page 9. Baseplate options include slotted flanges, threaded and through-hole. See page 10 for dimensions. For other package sizes and power levels, see the Micro (quarter size) and Maxi (full size) datasheets. Part Numbering e.g. V72B24C250BL V72B B Shown actual size: 2.28 x 2.2 x 0.5 in 57,9 x 55,9 x 12,7 mm Absolute Maximum Ratings Parameter Rating Unit Notes +In to –In voltage –0.5 to +155 Vdc PC to –In voltage –0.5 to +7.0 Vdc PR to –In voltage –0.5 to +7.0 Vdc SC to –Out voltage –0.5 to +1.5 Vdc –Sense to –Out voltage 1.0 Vdc Isolation voltage in to out 3000 Vrms Test voltage in to base 1500 Vrms Test voltage out to base 500 Vrms Test voltage Operating Temperature –55 to +100 °C M-Grade Storage Temperature –65 to +125 °C M-Grade Pin soldering temperature 500 (260) °F (°C) < 5 sec; wave solder 750 (390) °F (°C) < 7 sec; hand solder Mounting torque 5 (0.57) in-lbs (N-m) 6 each |
Similar Part No. - V72B12M250BL |
|
Similar Description - V72B12M250BL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |