Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK71638SCLH Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK71638SCLH
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71638SCLH Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK71638SCLH Datasheet HTML 7Page - TOKO, Inc TK71638SCLH Datasheet HTML 8Page - TOKO, Inc TK71638SCLH Datasheet HTML 9Page - TOKO, Inc TK71638SCLH Datasheet HTML 10Page - TOKO, Inc TK71638SCLH Datasheet HTML 11Page - TOKO, Inc TK71638SCLH Datasheet HTML 12Page - TOKO, Inc TK71638SCLH Datasheet HTML 13Page - TOKO, Inc TK71638SCLH Datasheet HTML 14Page - TOKO, Inc TK71638SCLH Datasheet HTML 15Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
December 1999 TOKO, Inc.
Page 11
TK716xx
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
LOAD CURRENT STEP RESPONSE 2
TIME (2.5 µs/ DIV)
CN = 0.01 µF, CL = 2.2 µF
IOUT = 60 to 30 mA
IOUT = 30 to 0 mA
IOUT = 35 to 5 mA
CONTROL VOLTAGE VS.
TEMPERATURE
TA (°C)
0
25
50
75
100
1.5
2.0
0
1.0
0.5
OUTPUT ON
OUTPUT OFF
SHORT CIRCUIT CURRENT VS.
INPUT VOLTAGE
VIN (V)
0
2
4
6
8
300
400
0
200
100
VOUT IS CONNECTED TO GND
CONTROL CURRENT VS.
TEMPERATURE
TA (°C)
0
25
50
75
100
4.0
5.0
0
3.0
2.0
VCONT = 5.0 V
1.0
VCONT = 2.0 V
DROPOUT CHARACTERISTICS
VIN (1 V/ DIV)
IOUT = 80 mA
IOUT = 0 mA
VIN = VOUT
VOUT
GROUND CURRENT VS.
OUTPUT CURRENT
IOUT (mA)
0
0.9
40
50
120
160 200
30
40
0
20
10


Similar Part No. - TK71638SCLH

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71120 TOKO-TK71120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT TOKO-TK71120NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT/120 TOKO-TK71120NT/120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125 TOKO-TK71125 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125NT TOKO-TK71125NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
More results

Similar Description - TK71638SCLH

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com