Electronic Components Datasheet Search |
|
V48A24H500BG2 Datasheet(PDF) 3 Page - Vicor Corporation |
|
V48A24H500BG2 Datasheet(HTML) 3 Page - Vicor Corporation |
3 / 11 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 48V Maxi Family Rev. 7.4 Page 3 of 11 Set your site on VICOR at vicorpower.com Parameter Min Typ Max Unit Notes PRIMARY SIDE (PC = Primary Control; PR = Parallel) PC bias voltage 5.50 5.75 6.00 Vdc PC current = 1.0 mA current limit 1.5 2.1 3.0 mA PC voltage = 5.5 V PC module disable 2.3 2.6 2.9 Vdc Must be able to sink ≥4 mA. See Fig. 1 PC module enable delay 4 7 ms PC module alarm 0.5 Vavg UV, OV, OT, module fault. See Figs. 2 and 4 PC resistance 0.9 1.0 1.1 MΩ See Fig. 2 PR emitter amplitude 5.7 5.9 6.1 Volts PR load >30 Ω, < 30 pF PR emitter current 150 mA PR receiver impedance 375 500 625 Ω 25°C PR receiver threshold 2.4 2.5 2.6 Volts Minimum pulse width: 20 ns PR drive capability 12 modules Without PR buffer amplifier SECONDARY SIDE (SC = Secondary Control) SC bandgap voltage 1.21 1.23 1.25 Vdc Referenced to –Sense SC resistance 990 1000 1010 Ω SC capacitance 0.033 µF SC module alarm 0 Vdc With open trim; referenced to –Sense. See Fig. 6 Parameter Min Typ Max Unit Notes Remote sense (total drop) 0.5 Vdc 0.25 V per leg (senses must be closed) Isolation voltage (in to out) 3000 Vrms Complies with reinforced insulation requirements Isolation voltage (in to base) 1500 Vrms Complies with basic insulation requirements Isolation voltage (out to base) 500 Vrms Complies with operational insulation requirements Isolation resistance (in to out) 10 MΩ Weight 7.4 8.2 9.0 ounces (209.3) (232.5) (255.7) (grams) Temperature limiting 100 115 °C See Figs. 2 and 4 Agency approvals cURus, TÜV, CE UL60950-1, EN60950-1, CSA60950-1, IEC60950-1. With appropriate fuse in series with the +Input MODULE CONTROL SPECIFICATIONS MODULE GENERAL SPECIFICATIONS Note: Specifications are subject to change without notice. MODULE FAMILY ELECTRICAL CHARACTERISTICS (CONT.) |
Similar Part No. - V48A24H500BG2 |
|
Similar Description - V48A24H500BG2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |