Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24C24E50BF2 Datasheet(PDF) 6 Page - Vicor Corporation

Part # V24C24E50BF2
Description  24V Input Micro Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24C24E50BF2 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button V24C24E50BF2 Datasheet HTML 2Page - Vicor Corporation V24C24E50BF2 Datasheet HTML 3Page - Vicor Corporation V24C24E50BF2 Datasheet HTML 4Page - Vicor Corporation V24C24E50BF2 Datasheet HTML 5Page - Vicor Corporation V24C24E50BF2 Datasheet HTML 6Page - Vicor Corporation V24C24E50BF2 Datasheet HTML 7Page - Vicor Corporation V24C24E50BF2 Datasheet HTML 8Page - Vicor Corporation V24C24E50BF2 Datasheet HTML 9Page - Vicor Corporation V24C24E50BF2 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Vicor Corp.
Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
24V Micro Family
Rev. 4.7
Page 6 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88
89
%
Nominal input; full load; 25°C
Ripple and noise
85
107
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
31.5
32.7
33.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.3
5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
3.57
Amps
Current limit
3.64
4.12
5
Amps
Output voltage 95% of nominal
Short circuit current
0.5
4.12
5
Amps
Output voltage < 250 mV
28 Vout, 100 W (e.g. V24C28C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87.5
89
%
Nominal input; full load; 25°C
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
31.5
32.7
33.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
1.8
2.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
1.78
Amps
Current limit
1.82
2.06
2.42
Amps
Output voltage 95% of nominal
Short circuit current
1.25
2.06
2.42
Amps
Output voltage < 250mV
28 Vout, 50 W (e.g. V24C28C50BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86
87.1
%
Nominal input; full load; 25°C
Ripple and noise
32
40
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.7
4.3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
2.78
Amps
Current limit
2.83
3.2
3.76
Amps
Output voltage 95% of nominal
Short circuit current
1.94
3.2
3.76
Amps
Output voltage <250 mV
36 Vout, 100 W (e.g. V24C36C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
84
84.9
%
Nominal input; full load; 25°C
Ripple and noise
27
34
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
1.8
2.3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
1.39
Amps
Current limit
1.41
1.6
1.88
Amps
Output voltage 95% of nominal
Short circuit current
0.97
1.6
1.88
Amps
Output voltage <250 mV
36 Vout, 50 W (e.g. V24C36C50BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87
88.6
%
Nominal input; full load; 25°C
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
27.1
28.1
29.1
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
2
3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
2.08
Amps
Current limit
2.12
2.39
2.81
Amps
Output voltage 95% of nominal
Short circuit current
1.45
2.39
2.81
Amps
Output voltage < 250mV
24 Vout, 50 W (e.g. V24C24C50BL)


Similar Part No. - V24C24E50BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C24E24B VICOR-V24C24E24B Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V24C24E24B1 VICOR-V24C24E24B1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V24C24E24B2 VICOR-V24C24E24B2 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V24C24E24BL VICOR-V24C24E24BL Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V24C24E24BL1 VICOR-V24C24E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V24C24E50BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com