Electronic Components Datasheet Search |
|
V24C12C50BF2 Datasheet(PDF) 6 Page - Vicor Corporation |
|
V24C12C50BF2 Datasheet(HTML) 6 Page - Vicor Corporation |
6 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 24V Micro Family Rev. 4.7 Page 6 of 13 Set your site on VICOR at vicorpower.com Parameter Min Typ Max Unit Notes Efficiency 88 89 % Nominal input; full load; 25°C Ripple and noise 85 107 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 3.3 5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 3.57 Amps Current limit 3.64 4.12 5 Amps Output voltage 95% of nominal Short circuit current 0.5 4.12 5 Amps Output voltage < 250 mV 28 Vout, 100 W (e.g. V24C28C100BL) Parameter Min Typ Max Unit Notes Efficiency 87.5 89 % Nominal input; full load; 25°C Ripple and noise 80 100 mV p-p; Nominal input; full load; 20MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 1.8 2.7 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 1.78 Amps Current limit 1.82 2.06 2.42 Amps Output voltage 95% of nominal Short circuit current 1.25 2.06 2.42 Amps Output voltage < 250mV 28 Vout, 50 W (e.g. V24C28C50BL) Parameter Min Typ Max Unit Notes Efficiency 86 87.1 % Nominal input; full load; 25°C Ripple and noise 32 40 mV p-p; Nominal input; full load; 20MHz bandwith Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 3.7 4.3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 2.78 Amps Current limit 2.83 3.2 3.76 Amps Output voltage 95% of nominal Short circuit current 1.94 3.2 3.76 Amps Output voltage <250 mV 36 Vout, 100 W (e.g. V24C36C100BL) Parameter Min Typ Max Unit Notes Efficiency 84 84.9 % Nominal input; full load; 25°C Ripple and noise 27 34 mV p-p; Nominal input; full load; 20MHz bandwith Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 1.8 2.3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 1.39 Amps Current limit 1.41 1.6 1.88 Amps Output voltage 95% of nominal Short circuit current 0.97 1.6 1.88 Amps Output voltage <250 mV 36 Vout, 50 W (e.g. V24C36C50BL) MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) Parameter Min Typ Max Unit Notes Efficiency 87 88.6 % Nominal input; full load; 25°C Ripple and noise 80 100 mV p-p; Nominal input; full load; 20MHz bandwith Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 2 3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 2.08 Amps Current limit 2.12 2.39 2.81 Amps Output voltage 95% of nominal Short circuit current 1.45 2.39 2.81 Amps Output voltage < 250mV 24 Vout, 50 W (e.g. V24C24C50BL) |
Similar Part No. - V24C12C50BF2 |
|
Similar Description - V24C12C50BF2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |