Electronic Components Datasheet Search |
|
V150A15M500BL Datasheet(PDF) 4 Page - Vicor Corporation |
|
V150A15M500BL Datasheet(HTML) 4 Page - Vicor Corporation |
4 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 150V Maxi Family Rev. 2.0 Page 4 of 13 Set your site on VICOR at vicorpower.com MODULE SPECIFIC OPERATING SPECIFICATIONS Parameter Min Typ Max Unit Notes Efficiency 78 80.8 % Nominal input; full load; 25°C Ripple and noise 80 100 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 4.14 4.3 4.46 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 7 8.3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 80 Amps Current limit 81.6 92 108 Amps Output voltage 95% of nominal Short circuit current 56 92 108 Amps Output voltage <250 mV 3.3 Vout, 264 W (e.g. V150A3V3C264BL) Parameter Min Typ Max Unit Notes Efficiency 81.2 82 % Nominal input; full load; 25°C Ripple and noise 164 205 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 4.14 4.3 4.46 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 6.4 7.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 60.6 Amps Current limit 61.8 69.7 81.9 Amps Output voltage 95% of nominal Short circuit current 42.4 69.7 81.9 Amps Output voltage <250 mV 3.3 Vout, 200 W (e.g. V150A3V3C200BL) Parameter Min Typ Max Unit Notes Efficiency 83.9 84.9 % Nominal input; full load; 25°C Ripple and noise 75 94 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 6.03 6.25 6.47 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 11 12.9 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 80 Amps Current limit 81.6 92 108 Amps Output voltage 95% of nominal Short circuit current 56 92 108 Amps Output voltage <250 mV 5 Vout, 400 W (e.g. V150A5C400BL) Parameter Min Typ Max Unit Notes Efficiency 83.6 84.9 % Nominal input; full load; 25°C Ripple and noise 150 188 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 6.03 6.25 6.47 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 7.7 10 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 60 Amps Current limit 61.2 69 81 Amps Output voltage 95% of nominal Short circuit current 42 69 81 Amps Output voltage <250 mV 5 Vout, 300 W (e.g. V150A5C300BL) Parameter Min Typ Max Unit Notes Efficiency 83 84.2 % Nominal input; full load; 25°C Ripple and noise 320 400 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 9.36 9.7 10.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 11.4 12.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 50 Amps Current limit 51 57.5 67.5 Amps Output voltage 95% of nominal Short circuit current 35 57.5 67.5 Amps Output voltage <250 mV 8 Vout, 400 W (e.g. V150A8C400BL) |
Similar Part No. - V150A15M500BL |
|
Similar Description - V150A15M500BL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |