Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG408CUE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DG408CUE
Description  Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG408CUE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DG408CUE Datasheet HTML 4Page - Maxim Integrated Products DG408CUE Datasheet HTML 5Page - Maxim Integrated Products DG408CUE Datasheet HTML 6Page - Maxim Integrated Products DG408CUE Datasheet HTML 7Page - Maxim Integrated Products DG408CUE Datasheet HTML 8Page - Maxim Integrated Products DG408CUE Datasheet HTML 9Page - Maxim Integrated Products DG408CUE Datasheet HTML 10Page - Maxim Integrated Products DG408CUE Datasheet HTML 11Page - Maxim Integrated Products DG408CUE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Improved, 8-Channel/Dual 4-Channel,
CMOS Analog Multiplexers
10
______________________________________________________________________________________
Pin Configurations/Functional Diagrams/Truth Tables (continued)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
GND
V+
S1B
S1A
V-
EN
A0
TOP VIEW
DG409
S2B
S3B
S4B
DB
DA
S4A
S3A
S2A
DIP/SO/TSSOP
CMOS DECODE LOGIC
A1
A0
EN
S4B
S3B
S2B
S1B
S4A
S3A
S2A
S1A
DA
V+
V-
GND
DB
DG409 4-CHANNEL DIFFERENTIAL MUX /DEMUX
A2
A1
A0
EN
ON
SWITCH
X
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
None
1
2
3
4
5
6
7
8
DG408
LOGIC “0” VAL
≤ 0.8V, LOGIC “1” VAH ≥ 2.4V
A1
A0
EN
ON
SWITCH
X
0
0
1
1
X
0
1
0
1
0
1
1
1
1
None
1
2
3
4
DG409
LOGIC “0” VAL
≤ 0.8V, LOGIC “1” VAH ≥ 2.4V


Similar Part No. - DG408CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG408C/D MAXIM-DG408C/D Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
DG408CY MAXIM-DG408CY Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
More results

Similar Description - DG408CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG408409 MAXIM-DG408409 Datasheet
35Kb / 5P
   IMPROVED 8-CHANNEL/DUAL 4-CHANNEL CMOS ANALOG MULTIPLEXER
19-0088 Rev. C
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com